Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 13Page - STMicroelectronics STV1602A Datasheet HTML 14Page - STMicroelectronics STV1602A Datasheet HTML 15Page - STMicroelectronics STV1602A Datasheet HTML 16Page - STMicroelectronics STV1602A Datasheet HTML 17Page - STMicroelectronics STV1602A Datasheet HTML 18Page - STMicroelectronics STV1602A Datasheet HTML 19Page - STMicroelectronics STV1602A Datasheet HTML 20Page - STMicroelectronics STV1602A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
E
A
V
S
A
V
E
A
V
S
A
V
E
A
V
S
A
V
E
A
V
H-
BLK
Active
Video
H-
BLK
Active
Video
H-
BLK
Active
Video
1 TV line
4:2:2 Data
Stream
SYN output
(case A)
SYN output
(case B)
SYN output
(case C)
Figure 20 : SYNC Output in 4:2:2 Case (not to scale)
1 TV line
T
R
S
SYN output
Active Video
+ H- BLK
T
R
S
T
R
S
Active Video
+ H- BLK
Active Video
+ H- BLK
4 fsc
DataStream
Figure 21 : SYNC Output in 4 fsc Case (not to scale)
Each time the sync word is detected, SYN (Pin 20)
changes state as shown in Figure 20.
When a receiver using STV1602A is properly im-
plemented and adjusted, the health of the imple-
mentation can be checked simply by looking at
SYN (Pin 20) output while an encoded signal is
present at the input.
SYN is an output of a flip-flop which togglesat each
detection of TRS at the SYNC detector. Since the
4:2:2 signal contains two kinds of TRSs, SAV and
EAV, when the output of SYN is observed by an
oscilloscope it looks like either case A or case B as
shown in Figure 20 depending upon the initial
condition of the Flip-Flop.
When bit erros are occurring somewhere in the
transmission path, SYN output is affected and
looks like as shown in case C.
Figure 21 illustrates the case for 4 fsc (D2 NTSC
and PAL).
Differing from the 4:2:2 case, SYN output has an
equal mark and space ratio due to the periodic
occurence (once per one TV line) of the TRS
detection. However, transmission path bit errors
will cause the SYN output to appear similar to the
4:2:2 case.
If SYN signal is used other than for monitoring
purposes, buffering similar to that of DPR is re-
quired due to the high impedance nature of SYN
output.
7. Phase relation ship between parallel data
and parallel clock
Parallel data and clock are output so that the rising
edge of the parallel clock is located at the center of
the parallel data. Both parallel data and clock
(nearly identical to that of single ECL) have DC
levels depending on the temperature. In order to
simplify the driving amplifier, a reference level
(EVR) is available at Pin 21. PCX, Dn and EVR use
pull down resistors (identical values). A peripheral
circuit example is shown in Figure 23. Figure 24
shows a circuit to disable the parallel clock output.
STV1602A
17/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com