Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 1 Page - STMicroelectronics

  STV1602A Datasheet HTML 1Page - STMicroelectronics STV1602A Datasheet HTML 2Page - STMicroelectronics STV1602A Datasheet HTML 3Page - STMicroelectronics STV1602A Datasheet HTML 4Page - STMicroelectronics STV1602A Datasheet HTML 5Page - STMicroelectronics STV1602A Datasheet HTML 6Page - STMicroelectronics STV1602A Datasheet HTML 7Page - STMicroelectronics STV1602A Datasheet HTML 8Page - STMicroelectronics STV1602A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
STV1602A
SERIAL INTERFACE TRANSMISSION DECODER
December 1992
28
29
30
31
32
33
34
35
18
17
16
15
14
13
12
11
10
27
26
25
24
23
22
21
20
19
36
123
456
789
37
D0
D1
D2
D3
D4
D5
D6
D8
D7
QFS
CX
GND
MON
ADS
DIX
DIY
DPR
FV
ESI
PIN CONNECTIONS
PGA37
(Ceramic Package)
ORDER CODE : STV1602A
BUILT-IN AUTOMATIC EQUALIZER FOR UP TO
30dB ATTENUATION AT 135MHz (TYPICALLY
300m OF HIGH-GRADE COAXIAL CABLE), PLL
CIRCUIT FOR RECLOCKING, AND SERIAL-PAR-
ALLEL CONVERSION CIRCUIT.
THIS SERIAL TRANSMISSION DECODER RE-
QUIRES ONLY FEW EXTERNAL COMPONENTS.
OTHER RELATED IC’s INCLUDE :
.
STV1601A, A SERIAL TRANSMISSION EN-
CODER (PARALLEL-TO-SERIAL CONVER-
SION)
.
STV1389AQ COAXIAL CABLE DRIVER
STRUCTURE
.
Hybrid IC
APPLICATIONS
SERIAL DATA TRANSMISSION DECODER
.
100 to 270 Mb/s
APPLICATIONS EXAMPLES
.
Serial data transmission of digital television
signals 525-625 lines
.
4:2:2 component 270Mb/s (10-bit)
.
4*fsc PAL composite 177Mb/s (10-bit)
.
4*fsc NTSC Composite 143Mb/s (10-bit)
FUNCTIONS
.
Cable equalizer
(maximum gain : 30dB at 135MHz)
.
PLL for serial clock generation
.
Reclocked
repeater
output
(active
loop
through)
.
Descrambler : modulo-2 multiplication by
G(x) = (x
9 +x4 +1) (x+ 1)
.
Parallel-to-serial conversion
.
Sync monitor output
.
Eye pattern monitoring
.
Input signal detector
DESCRIPTION
The STV1602A is a Hybrid IC decoder which con-
verts serial data coming from a serial transmission
line into parallel data.
1/22


Similar Part No. - STV1602A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
STV160NF02L STMICROELECTRONICS-STV160NF02L Datasheet
96Kb / 8P
N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
Jun-1999
STV160NF02LA STMICROELECTRONICS-STV160NF02LA Datasheet
531Kb / 8P
N-CHANNEL 20V - 0.0018W - 160A PowerSO-10 STripFET TM POWER MOSFET
Dec-2000
STV160NF02LT4 STMICROELECTRONICS-STV160NF02LT4 Datasheet
355Kb / 8P
N-CHANNEL 20V - 0.0016Ω - 160A PowerSO-10 STripFET™II POWER MOSFET
Feb-2004
STV160NF02L STMICROELECTRONICS-STV160NF02L_04 Datasheet
327Kb / 8P
N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
Feb-2004
More results

Similar Description - STV1602A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
Serial Digital Video Decoder
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
logo
Gennum Corporation
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
Serial Digital Decoder
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
Serial Interface/Transmission Encorder
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
Serial Interface/Transmission Encorder
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
National Semiconductor ...
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
Serial Digital Video Decoder
logo
Japan Aviation Electron...
FI-R JAE-FI-R Datasheet
607Kb / 15P
Connector for Internal Serial Transmission
logo
Motorola, Inc
MC14499 MOTOROLA-MC14499 Datasheet
165Kb / 8P
7-Segment LED Display Decoder/Driver with Serial Interface
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com