Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 7Page - STMicroelectronics STV1602A Datasheet HTML 8Page - STMicroelectronics STV1602A Datasheet HTML 9Page - STMicroelectronics STV1602A Datasheet HTML 10Page - STMicroelectronics STV1602A Datasheet HTML 11Page - STMicroelectronics STV1602A Datasheet HTML 12Page - STMicroelectronics STV1602A Datasheet HTML 13Page - STMicroelectronics STV1602A Datasheet HTML 14Page - STMicroelectronics STV1602A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2
A
FV
RSE
GND
EE
V
10k
Ω
-5V
-5V
SW1
ON
POSITION
0.1
µF
220
Ω
1k
Ω
10/16V
0.1
EE
I
EE
V
-5V
24
27
30
8
7
23
STV1602A
22
ADS
32
36
10
µF
SW1
-5V
10k
Ω
5
QSW
37
1
ESI
ESO
1k
Ω
1k
Ω
1k
Ω
EVR
PCX
D0
D9
21
19
18
9
TN1
6
0.1
Figure 4
2
FV
RSE
GND
EE
V
10k
Ω
-5V
10/16V
0.1
24
27
30
8
7
23
STV1602A
22
ADS
32
36
5
QSW
37
1
ESI
ESO
TN1
6
0.1
-5V
DIX
DIY
33
34
11
12
V1
V2
V
1
V
2
A1
A2
-0.8V
-1.6V
-1.6V
-0.8V
IIL
I IL
IIH
I IH
Figure 5
STV1602A
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com