Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 14Page - STMicroelectronics STV1602A Datasheet HTML 15Page - STMicroelectronics STV1602A Datasheet HTML 16Page - STMicroelectronics STV1602A Datasheet HTML 17Page - STMicroelectronics STV1602A Datasheet HTML 18Page - STMicroelectronics STV1602A Datasheet HTML 19Page - STMicroelectronics STV1602A Datasheet HTML 20Page - STMicroelectronics STV1602A Datasheet HTML 21Page - STMicroelectronics STV1602A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Input data : hex, 10-bit
(hex, 8-bit)
Serial output when
the worst sequence
on DC component
is occuring (case A)
(case B)
300
(CO)
198
(66)
300
(CO)
198
(66)
19 bits
1 bit
1 bit
Figure 26
Input data : hex, 10-bit
(hex, 8-bit)
Serial output when
the worst sequence
on bit slip is occuring
110
(44)
200
(80)
110
(44)
200
(80)
20 bits
20 bits
Figure 27 : Particular Data words for checking
PLL bit slip
Using particular codes to check overall perform-
ance
Althrough the scrambling method employed effec-
tively randomizes the incoming data and puts out
a signal with a nearly uniform spectrum, there still
exist some combinations of codes that give some-
what unfriendly conditions to the transmission path
in terms of low frequency component or of a long
run without any transitions.
As shown in Figure 26, it is known that if the code
words 300, 198 (hex, 10-bit) are given alternately
to the parallel input of the encoder, the largest
amount of DC component (nearly one TV line
period) can be produced at some place with a
certain probability (such a sequence is, however,
destroyed when different data is input to the en-
coder).
Even with such signals, error-free reception is pos-
sible with the STV1602Aif a proper implementation
is made (refer to section 12 for a recommended
circuit).
Another particular combination of words, but with a
different nature, is 200, 110 (hex, 10-bit) which can
generate the sequence which is most vulnerable*
to bit slip of nearly one TV line period. Figure 27
illustrates such a situation. Similar to the previous
case, the worst sequence stops upon an arrival of
a data other than the alternating 200, 110 at the
input of the encoder.
* Stricly speaking the longest isolated run is 38
clocks for 4:2:2 and 43 clocks for 4 fsc NTSC
and PAL. However, the above sequence
generally shows the most critical situation for
the bit slip problem.
Note : Actually there exists a family of such
particular code as above described. They
w ill , h owever, cre at e an identi cal
sequence in the serial domain since the
difference amongst the family is merely
which bit is regarded as the start bit of a
word.
STV1602A
19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com