Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 14Page - STMicroelectronics STV1602A Datasheet HTML 15Page - STMicroelectronics STV1602A Datasheet HTML 16Page - STMicroelectronics STV1602A Datasheet HTML 17Page - STMicroelectronics STV1602A Datasheet HTML 18Page - STMicroelectronics STV1602A Datasheet HTML 19Page - STMicroelectronics STV1602A Datasheet HTML 20Page - STMicroelectronics STV1602A Datasheet HTML 21Page - STMicroelectronics STV1602A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Parallel clock
Parallel data
V
OH
V
OL
EVR output voltage
Figure 22 : Phase Relation of Parallel Clock, Data and EVR Voltage Level
21
19
18
9
EVR
PCK
D0
D9
1k
Ω
1k
Ω
1k
Ω
1k
Ω
V
EE
STV1602A
0.1
µF
Figure 23 : Parallel Clock Data Output Circuit
EVR
PCK
1k
Ω
1k
Ω
V
EE
STV1602A
0.1
µF
21
6
35
DPR
0.1
µF
CMOS inverter
10k
Ω
10k
Ω
Figure 24 : A Circuit Example to Disable Parallel
Clock
V
EE
10k
Ω
TN1
PCX
FV
Small signal
transistor
Frequency monitor
10
µF
22k
Ω
1k
Ω
STV1602A
636
19
Figure 25 : VCO Temperature Compensation
and Free Running Frequency Ad-
justment
8. VCO temperature compensation and oscil-
lation frequency adjustment.
VCO oscillation frequency depends on the tem-
perature as shown in Figures 29 and 30 ”Repre-
sentative characteristics example”. Within the
normal range of operation, frequency increases
with temperature.
FV pin voltage remains almost constant regardless
of temperature.
Figure 25 shows an example of a temperature
compensation circuit using a diode (transistor with
C-B diode short-circuited) and a resistor between
FV and VEE.
PLL pull-in range (signal frequency 270, 177 and
143MHz) are given by Figures 32, 33 and 34.
9. VCO free running frequency adjustment
VCO free running frequency adjustment is per-
formed at room temperature.
If TN1 is set High, VCO is free running. Wait for 5
to 10 minutes after turning power supply ON (warm
up time).
While monitoring PCK (Pin 19) output, adjust the
signal frequency (within
±1%) with the variable
resistor connected between FV and VEE.
STV1602A
18/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com