Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 3Page - STMicroelectronics STV1602A Datasheet HTML 4Page - STMicroelectronics STV1602A Datasheet HTML 5Page - STMicroelectronics STV1602A Datasheet HTML 6Page - STMicroelectronics STV1602A Datasheet HTML 7Page - STMicroelectronics STV1602A Datasheet HTML 8Page - STMicroelectronics STV1602A Datasheet HTML 9Page - STMicroelectronics STV1602A Datasheet HTML 10Page - STMicroelectronics STV1602A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
18
17
16
15
14
13
12
11
10
9
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
30-BIT SHIFT REGISTER
10-BIT LATCH
TIMING
GENERATOR
DATA
DETECTOR
NRZI TO NRZ
EDGE
DETECTOR
VCO
PHASE
DETECTOR
8
4
3
22
7
23
SYNC
DETECTOR
21
20
19
EVR
SYN
PCK
ECL OUT
REFERENCE
VOLTAGE
33
34
37
1
36
35
32
6
AUTOMATIC
CABLE
EQUALIZER
26
25
28
29
31
2
24
27
30
GND
GND
GND
GND
AIX
AIY
QFS
CX
MON
DIX DIY
ADS
TN1
DPR
FV
ESO ESI
RSE
SY
SX
VEE
VEE
VEE
Serial clock
Parallel clock
Reclocked serial data
X + X + 1 DESCRAMBLER
94
INP UT
SELECT
DATA
RELAY
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (TA =25
oC)
Symbol
Parameter
Value
Unit
VEE
Supply Voltage
-6
V
VIN
Input Voltage
VEE to 0
V
IOUT
Output Current
-30
mA
Toper
Operating Temperature
0 to 65
oC
Tstg
Storage Temperature
-50 to 125
oC
PD
Allowable Power Dissipation
2.0
W
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VEE
Supply Voltage
-4.8 to -5.2
V
Toper
Operating Temperature
0 To 65
oC
STV1602A
7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com