Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 5Page - STMicroelectronics STV1602A Datasheet HTML 6Page - STMicroelectronics STV1602A Datasheet HTML 7Page - STMicroelectronics STV1602A Datasheet HTML 8Page - STMicroelectronics STV1602A Datasheet HTML 9Page - STMicroelectronics STV1602A Datasheet HTML 10Page - STMicroelectronics STV1602A Datasheet HTML 11Page - STMicroelectronics STV1602A Datasheet HTML 12Page - STMicroelectronics STV1602A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
EQUALIZER (VEE = -5V, TA =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Test Circuit
Min.
Typ.
Max.
Unit
VMAX
Equalizer Max. Input Voltage
Pins AIX, AIY
Figure 3
0.88
Vp-p
GMAX
Equalizer Max. Gain
30
dB
CIN
Input Capacity
Pins AIX, freq = 100MHz
pF
RIN
Input Resistance
Pins AIX, freq = 100MHz
Ω
Figure 1 : tr,tf,tc,td Definition
80%
20%
tt
rf
50%
t
c
t
d
t
w
c
t/2
c
t/2
Dn
PCK
21
19
18
9
EVR
PCK
D0
D9
1k
Ω
1k
Ω
1k
Ω
1k
Ω
V
EE
STV1602A
0.1
µF
220
Ω
220
Ω
220
Ω
8
V
EE
(-5V)
ECL line drivers or
ECL/TTL translators
Power save SW
Figure 2 :
A Suggested Parallel Clock / Data
Output Circuit
SYN pin guaranteed operation range.
SYNC pin and serial to parallel conversion operate
normally within the frequency and ambient tem-
perature ranges according to the following consid-
erations.
Reclocked output.
STV1602A may be used as a repeater. The re-
clocked output, providing characteristics almost
identical to the serial output of STV1601A is avail-
able from SX (Pin 4) and SY (Pin 3).
When the reclocked output is used, it is recom-
mended not to use simultaneously use the parallel
outputs (data and clock) in order to avoid possible
logic errors caused by an excessively high tem-
perature which may result from additional power
dissipation created by the reclocked output circuit
under certain environnmental conditions.
If, for the sake of a design convenience, both
reclocked and parallel outputs are to be used, the
ambient temperature has to be kept as low as
possible or, at least, the airflow around STV1602A
must be carefully considered. In addition, it is rec-
ommended to put 220
Ω resistors on all parallel
outputs including the clock as shown in Figure 2.
This reduces the magnitude of the spike current
resulting from the parallel output circuit inside the
chip and helps reduce the probability of logic errors
at high temperature.
Power saving in repeater mode
Since the parallell output is not always required for
a reclocked repeater, the chip has been designed
such that the uncessary parallel logic circuit can be
disabled by disconnecting Pin 8, one of VEEs, from
the power supply. With this arrangement the power
dissipation is reducible to about 45 percent of that
of the fully functional mode.
In practice, a test switch should be provided so that
some parallel signals may be available during ad-
justment procedures as shown in Figure 2.
STV1602A
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com