Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 2Page - STMicroelectronics STV1602A Datasheet HTML 3Page - STMicroelectronics STV1602A Datasheet HTML 4Page - STMicroelectronics STV1602A Datasheet HTML 5Page - STMicroelectronics STV1602A Datasheet HTML 6Page - STMicroelectronics STV1602A Datasheet HTML 7Page - STMicroelectronics STV1602A Datasheet HTML 8Page - STMicroelectronics STV1602A Datasheet HTML 9Page - STMicroelectronics STV1602A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PIN DESCRIPTION (continued)
Pin
N
o
Symbol
Equivalent Circuit
Description
I/O
Standard
Min. Typ. Max. Unit
35
DPR
Serial data detection output.
When there is an input
signal at the input side
selected through ADS, this
pin goes High.
At no signal, it goes Low.
H
L
i.e.
- present : High
- absent : Low
O
-1.0
-4.0
V
V
22
RSE
Selects VCO frequency
range
H : High range
140 to 270MHz
L : Low range
100 to 145MHz
H
L
I
-0.4
-4.0
V
V
7
23
VEE
-5V supply
I/O buffer, PLL
equalizer
-5.2
-5.0
-4.8
V
8VEE
-5V Supply
Logic part
-5.2
-5.0
-4.8
V
2
24
27
30
GND
GND
EE
V
GND
6k
Ω
1k
Ω
1k
Ω
35
EE
V
GND
22
10k
Ω
2k
Ω
10k
Ω
10k
Ω
STV1602A
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com