Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 12Page - STMicroelectronics STV1602A Datasheet HTML 13Page - STMicroelectronics STV1602A Datasheet HTML 14Page - STMicroelectronics STV1602A Datasheet HTML 15Page - STMicroelectronics STV1602A Datasheet HTML 16Page - STMicroelectronics STV1602A Datasheet HTML 17Page - STMicroelectronics STV1602A Datasheet HTML 18Page - STMicroelectronics STV1602A Datasheet HTML 19Page - STMicroelectronics STV1602A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Descrambler
NZRI to NRZ
conversion
DC
SX
SY
Phase
Comparator
VCO
RSE
DL
DL
DIX DIN
ADS
TN1
ESO
ESI
FV
F
A
B
C
D
E
From
equalizer
Figure 16 : Serial Data Input and PLL
on the printed circuit board. Encircling those two
nodes by a ground guarding is an efficient method
to prevent errors caused by an ”antenna effect”.
Through FV (Pin 35) one can adjust the free run-
ning frequency; when the FV Voltage is equal to
VEE, the free running frequency is the lowest; the
voltage adjustment can be performed by using a
variable resistor connected between FV and VEE.
RSE (Pin 22) selects the VCO frequency range;
High : 140 to 270MHz, Low : 100 to 145MHz.
When TN1 (Pin 6) is set High, input signals are
disabled and the VCO free runs. The capacitor
connected between TN1 and GND avoids mislock-
ing problem when the power supply is switched on.
Data detection
Serial data edges are detected and go through low
pass filter. The processed signal is available at
DPR (Pin 35).DPR goes High when an input signal
is detected, otherwise it stays Low.
The driving capability of this pin is weak. It is
recommended to load it with a high impedance
CMOS or equivalent.
5. NRZI To NRZ conversion, descrambler
Serial data delivered by the identifier is available in
differential mode, SX (Pin 4) and SY (Pin 3). At the
same time, to recover the original data, NRZI to
NRZ conversion and descrambling are performed.
PLL
D
Data
(NRZI)
Clock
Serial
Signal
Data (NRZ)
Figure 17 : NRZI to NRZ conversion
D1
D2
D3
D4
D5
D6
D7
D8
D9
Out
In
Figure 18 : x
9 +x4 + 1 Descrambler
D1
D2
D3
D4
D5
D6
D7
D8
D9
Out
In
D10
Figure 19 : Actual x
9 +x4 + 1 Descrambler
6. Serial to parallel conversion
After descrambling, serial data is sent to a 30-bit
register to detect the sync word (TRS). When the
sequence 111111111100000000000000000000is
detected, sync word detection signal is output, the
counter which divides the clock frequency by 10 is
initialized and data is converted to parallel (10-bit
word) to be output.
STV1602A
16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com