Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FI-R Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-R
Description  Connector for Internal Serial Transmission
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-R Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. FI-R Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MB-0153-2
10/15
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Ordering Information
FI-R C3 –1A –1E – 15000
Series
1A: Upper Contact
Modification Code
Upper Contact for Crimp Housing (SJ103060 )
Contact for Crimp Housing
Magazine Assembly
15000pcs. / reel
Unit: mm
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com