Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1017N Datasheet (PDF) - Sony Corporation

CXG1017N Datasheet PDF - Sony Corporation
Part # CXG1017N
Download  CXG1017N Download
File Size   81.85 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GSM900/1800/1900 SPDT TX/RX Switch

CXG1017N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1017N Datasheet PDF - Sony Corporation

Part # CXG1017N
Download  CXG1017N Click to download

File Size   81.85 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GSM900/1800/1900 SPDT TX/RX Switch

CXG1017N Datasheet (HTML) - Sony Corporation


CXG1017N Product details

Description

The CXG1028ATN is a high power SPDT switch suitable for Digital Cellular applications. This device is part of a growing family of MMIC Antenna switches for digital cellular and cordless radios. It uses the state-of-the-art Sony GaAs JFET process.



Features

• Positive voltage supply only

• Low insertion loss, typically 0.3dB at 34.5dBm, 900MHz

• Low Harmonics: –64.5dBc Max. at 34.5dBm (Vctl = 5V, 25°C)

• Stable Characteristics over wide temperature range

• Fast switching-100ns Typical

• Low current consumption, 190µA typical at 5V

• 10 pin TSSOP package (3.2 × 2.8mm)



Applications

• GSM900 handportable applications

• GSM1800 handportable

• GSM1900 handportable

• GSM900/1800/1900 Base station

• Other digital cellular and wireless local loop applications



 




Similar Part No. - CXG1017N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1017N SONY-CXG1017N Datasheet
100Kb / 7P
GSM1800/1900 DPDT TX/RX Antenna Switch
More results


Similar Description - CXG1017N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1017N SONY-CXG1017N Datasheet
100Kb / 7P
GSM1800/1900 DPDT TX/RX Antenna Switch
logo
Tyco Electronics
MLO81100-01850 MACOM-MLO81100-01850 Datasheet
33Kb / 2P
Surface Mount Voltage Controlled Oscillator DCS 1800 - 1900 MHz
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
CT2-RX/TX IC
logo
Skyworks Solutions Inc.
AP119-89 SKYWORKS-AP119-89 Datasheet
35Kb / 4P
GaAs IC DCS 1800/1900 Power Amplifier
logo
Infineon Technologies A...
BGM704N7 INFINEON-BGM704N7 Datasheet
1Mb / 31P
FM Radio LNA with Integrated RX/TX Switch
Revision 2.1, 2010-10-19
logo
TDK Electronics
HHM1515B2 TDK-HHM1515B2 Datasheet
164Kb / 9P
Multilayer Balun Transformers For GSM900 Tx Rx
HHM1776B3 TDK-HHM1776B3 Datasheet
86Kb / 9P
Multilayer Balun Transformers For GSM900 Tx & Rx
logo
Skyworks Solutions Inc.
SKY13547-490LF SKYWORKS-SKY13547-490LF Datasheet
177Kb / 2P
5 to 1800 MHz Ultra-High Linearity SPDT 75 Switch
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
B41W Tx/Rx Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com