Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1017N Datasheet (PDF) - Sony Corporation

CXG1017N Datasheet PDF - Sony Corporation
Part # CXG1017N
Download  CXG1017N Download
File Size   100.52 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GSM1800/1900 DPDT TX/RX Antenna Switch

CXG1017N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1017N Datasheet PDF - Sony Corporation

Part # CXG1017N
Download  CXG1017N Click to download

File Size   100.52 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GSM1800/1900 DPDT TX/RX Antenna Switch

CXG1017N Datasheet (HTML) - Sony Corporation


CXG1017N Product details

Description
The CXG1017N is a high power DPDT switch suitable for Digital Cellular applications. This device is part of a growing family of MMIC Antenna switches for digital cellular and cordless radios. It uses the state-of-the-art Sony JFET process.

Features
• Positive voltage supply only
• Low insertion loss, typically 0.7dB at 33dBm input level
• Stable Characteristics over wide temperature range
• Fast switching-100ns Typical
• Low current consumption, 400µA typical at 5.5V
• 8 pin SSOP package (3.0 × 6.4mm)

Applications
• GSM1800 handportable
• GSM1900 handportable
• DECT basestation/handportable diversity antenna switching
• Other digital cellular and wireless local loop applications




Similar Part No. - CXG1017N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1017N SONY-CXG1017N Datasheet
81Kb / 7P
GSM900/1800/1900 SPDT TX/RX Switch
More results


Similar Description - CXG1017N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1028ATN SONY-CXG1028ATN Datasheet
81Kb / 7P
GSM900/1800/1900 SPDT TX/RX Switch
CXG1101TN SONY-CXG1101TN Datasheet
54Kb / 4P
SP3T Antenna Switch for TDMA800/1900/AMPS800 Triple Mode Application
logo
Sumida Corporation
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
Transponder RX antenna
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
logo
Infineon Technologies A...
BGM704N7 INFINEON-BGM704N7 Datasheet
1Mb / 31P
FM Radio LNA with Integrated RX/TX Switch
Revision 2.1, 2010-10-19
logo
Laird Tech Smart Techno...
IF1900 LSTD-IF1900 Datasheet
780Kb / 1P
1900 MHz MicroSphere Antenna
logo
Infineon Technologies A...
BGSX22G2A10 INFINEON-BGSX22G2A10 Datasheet
163Kb / 2P
DPDT Antenna Cross Switch
V 1.4 2017-07-12
logo
Murata Manufacturing Co...
SAWEN1G84CV0F00 MURATA1-SAWEN1G84CV0F00 Datasheet
211Kb / 7P
SAW FILTER FOR GSM1800/GSM1900 (Rx)
Sep. 22, 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com