Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1101TN Datasheet (PDF) - Sony Corporation

CXG1101TN Datasheet PDF - Sony Corporation
Part # CXG1101TN
Download  CXG1101TN Download
File Size   54.25 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SP3T Antenna Switch for TDMA800/1900/AMPS800 Triple Mode Application

CXG1101TN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1101TN Datasheet PDF - Sony Corporation

Part # CXG1101TN
Download  CXG1101TN Click to download

File Size   54.25 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SP3T Antenna Switch for TDMA800/1900/AMPS800 Triple Mode Application

CXG1101TN Datasheet (HTML) - Sony Corporation


CXG1101TN Product details

Description
The SP3T is a high power antenna switch MMIC for use in TDMA800/1900/AMPS800 triple mode handsets. One Antenna can be routed to one of AMPS, PCS Tx and PCS Rx. This IC is designed using the Sonys JFET process for low insertion loss.

Features
• Low second harmonics < –31dBm at 29dBm @2.8V
• Low insertion loss: 0.3dB (Ant. – AMPS)
• Small package size: TSSOP-10pin (3.2mm × 2.8mm)

Applications
    TDMA800/1900/AMPS800 triple mode handsets.




Similar Part No. - CXG1101TN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXG1100TN ETC-CXG1100TN Datasheet
78Kb / 2P
Wideband Multifunction Reception System GaAs MMIC Completely Covers GPS and CDMA
logo
Sony Corporation
CXG1104TN SONY-CXG1104TN Datasheet
59Kb / 4P
High Power SPDT Switch with Logic Control
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
Power Amplifier Module for JCDMA
CXG1109EN SONY-CXG1109EN Datasheet
127Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
More results


Similar Description - CXG1101TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1017N SONY-CXG1017N Datasheet
100Kb / 7P
GSM1800/1900 DPDT TX/RX Antenna Switch
logo
TriQuint Semiconductor
TQP4M3007 TRIQUINT-TQP4M3007 Datasheet
493Kb / 9P
SP3T High Power 2.6V CDMA Antenna Switch
TQP4M3018 TRIQUINT-TQP4M3018 Datasheet
459Kb / 9P
SP3T High Power 2.6V CDMA Antenna Switch
logo
Sony Corporation
CXG1192UR SONY-CXG1192UR Datasheet
50Kb / 5P
SP3T 횞 2 Antenna Switch for GSM Quad-Band
logo
Infineon Technologies A...
BGS13AL12 INFINEON-BGS13AL12 Datasheet
1Mb / 16P
SP3T Antenna Switch with Antenna Termination Port
Revision 1.1, 2009-06-25
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
SP3T SWITCH
logo
Infineon Technologies A...
BGS13GA14 INFINEON-BGS13GA14 Datasheet
729Kb / 13P
SP3T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
logo
Laird Tech Smart Techno...
IF1900 LSTD-IF1900 Datasheet
780Kb / 1P
1900 MHz MicroSphere Antenna
logo
Will Semiconductor Ltd.
WS7803F WILLSEMI-WS7803F Datasheet
957Kb / 6P
0.1GHz ??3GHz SP3T Antenna Switch
WS7803QD WILLSEMI-WS7803QD Datasheet
799Kb / 6P
0.1GHz ??3GHz SP3T Antenna Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com