Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1108K Datasheet (PDF) - Sony Corporation

CXG1108K Datasheet PDF - Sony Corporation
Part # CXG1108K
Download  CXG1108K Download
File Size   69.44 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Power Amplifier Module for JCDMA

CXG1108K Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1108K Datasheet PDF - Sony Corporation

Part # CXG1108K
Download  CXG1108K Click to download

File Size   69.44 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Power Amplifier Module for JCDMA

CXG1108K Datasheet (HTML) - Sony Corporation


CXG1108K Product details

Description
The CXG1108K is the power amplifier module which operates at a single power supply. This IC is designed using the Sony’s original p-Gate HFET process.

Features
• Single power supply operation:
   VDD1 = VDD2 = 3.5V,
   VGG = 2.95V (@High mode),
   VGG = 2.7V (@Low mode)
• Ultrasmall package: 0.065cc (6.2mm × 6.2mm × 1.7mm)
• High efficiency: ηadd = 37.5% (@900MHz, POUT = 27dBm)
• Output power (high/low mode switching supported):
   POUT ≤ 17dBm: Low mode (VGG = 2.7V)
   POUT = 17 to 27dBm: High mode (VGG 2.95V)
• Gain: Gp = 26dB (@900MHz)

Applications
   Power amplifier for JCDMA system cellular phones




Similar Part No. - CXG1108K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXG1100TN ETC-CXG1100TN Datasheet
78Kb / 2P
Wideband Multifunction Reception System GaAs MMIC Completely Covers GPS and CDMA
logo
Sony Corporation
CXG1101TN SONY-CXG1101TN Datasheet
54Kb / 4P
SP3T Antenna Switch for TDMA800/1900/AMPS800 Triple Mode Application
CXG1104TN SONY-CXG1104TN Datasheet
59Kb / 4P
High Power SPDT Switch with Logic Control
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1109EN SONY-CXG1109EN Datasheet
127Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
More results


Similar Description - CXG1108K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1117K SONY-CXG1117K Datasheet
69Kb / 6P
Power Amplifier Module for JCDMA
logo
List of Unclassifed Man...
RM805 ETC-RM805 Datasheet
226Kb / 10P
POWER AMPLIFIER MODULE FOR BROADBAND
logo
Sony Corporation
CXG1156K SONY-CXG1156K Datasheet
84Kb / 6P
POWER AMPLIFIER MODULE FOR JCDMA
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
POWER AMPLIFIER MODULE FOR JCDMA
CXG1158K SONY-CXG1158K Datasheet
28Kb / 1P
Power Amplifier Module for JCDMA
logo
Toshiba Semiconductor
S-AV34 TOSHIBA-S-AV34 Datasheet
151Kb / 4P
RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV38 TOSHIBA-S-AV38 Datasheet
216Kb / 4P
RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7822 AVAGO-ACPM-7822 Datasheet
1Mb / 13P
JCDMA 4x4 Power Amplifier Module (898-925MHz)
logo
API Technologies Corp
CMF211 APITECH-CMF211 Datasheet
108Kb / 1P
JCDMA Receive Filter
logo
Skyworks Solutions Inc.
SKY77192-14 SKYWORKS-SKY77192-14 Datasheet
82Kb / 2P
Power Amplifier Module for CDMA2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com