Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1068N Datasheet (PDF) - Sony Corporation

CXG1068N Datasheet PDF - Sony Corporation
Part # CXG1068N
Download  CXG1068N Download
File Size   93.27 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SP4T Antenna Switch for GSM Dual band

CXG1068N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1068N Datasheet PDF - Sony Corporation

Part # CXG1068N
Download  CXG1068N Click to download

File Size   93.27 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SP4T Antenna Switch for GSM Dual band

CXG1068N Datasheet (HTML) - Sony Corporation


CXG1068N Product details

Description
The CXG1068N is a high power antenna switch MMIC for use in Dualband GSM handsets.
One antenna can be routed to either of the 2Tx or 2Rx ports. This IC is designed using the Sony’s GaAs J-FET process which enable the CXG1068N to be operated with low voltage.

Features
• Low control voltage
• Low insertion loss : 0.5 dB (Typ.) @900 MHz
                                  0.65 dB (Typ.) @1.8 GHz
• Small package : SSOP-20pin (Pin interval of 0.5 mm pitch)
• High power handling : P1dB : 38 dBm (Typ.) 0/5 V control
• Harmonics : –31 dBm (Max.) Pin=35 dBm, 0/5 V control

Applications
• Dualband GSM 900/GSM 1800 or GSM 900/GSM 1900 handsets.
• Dualmode GSM/DECT handsets.




Similar Part No. - CXG1068N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1060N SONY-CXG1060N Datasheet
94Kb / 6P
High-Frequency SPDT Antenna Switch
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
Low Noise Down Conversion Mixer for PHS
CXG1063TN SONY-CXG1063TN Datasheet
67Kb / 5P
High Power 2 쨈 4 Antenna Switch MMIC
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
More results


Similar Description - CXG1068N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
SP4T Antenna Switch for GSM Dual band
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
SP4T GSM Dualband Antenna Switch 5V Logic
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
SP4T GSM/GPRS Dual-Band Antenna Switch Logic
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
SP4T GaAs Multi-Band GSM Antenna Switch
logo
TriQuint Semiconductor
TQP4M4004 TRIQUINT-TQP4M4004 Datasheet
220Kb / 7P
SP4T High Power 2.5V GSM Antenna Switch
logo
Sony Corporation
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
SP4T Antenna Switch for GSM/UMTS
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
SP4T Antenna Switch for GSM
logo
World Produts Inc.
WPANT10024-SC WPI-WPANT10024-SC Datasheet
332Kb / 5P
Dual-band GSM Embedded Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com