Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1060N Datasheet (PDF) - Sony Corporation

CXG1060N Datasheet PDF - Sony Corporation
Part # CXG1060N
Download  CXG1060N Download
File Size   94.56 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Frequency SPDT Antenna Switch

CXG1060N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1060N Datasheet PDF - Sony Corporation

Part # CXG1060N
Download  CXG1060N Click to download

File Size   94.56 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Frequency SPDT Antenna Switch

CXG1060N Datasheet (HTML) - Sony Corporation


CXG1060N Product details

Description
The CXG1060N is a high power antenna switch MMIC to connect TX/RX to one of 4 antennas. This IC is designed using the Sony’s GaAs J-FET process and operates at a single positive power supply.

Features
• Single positive power supply operation
• Low insertion loss 0.4 dB (Typ.) at 1.0 GHz (TX Port)
• Isolation 21 dB (Typ.) at 1.0 GHz (TX Port)
• High power switching
    P1 dB (Typ.) 32 dBm at 1.5 GHz
                                       VCTL (H)=3.0 V
                         35 dBm at 1.5 GHz
                                       VCTL (H)=4.0 V

Applications
    Antenna switch for digital cellular telephones (PDC 1.5 GHz)




Similar Part No. - CXG1060N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
Low Noise Down Conversion Mixer for PHS
CXG1063TN SONY-CXG1063TN Datasheet
67Kb / 5P
High Power 2 쨈 4 Antenna Switch MMIC
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
SP4T Antenna Switch for GSM Dual band
More results


Similar Description - CXG1060N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1006N SONY-CXG1006N Datasheet
71Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
High-Frequency SPDT Antenna Switch
logo
TriQuint Semiconductor
TQP4M4003 TRIQUINT-TQP4M4003 Datasheet
767Kb / 5P
SPDT High Power 2.5V GSM Antenna Switch
logo
Will Semiconductor Ltd.
WS7802C WILLSEMI-WS7802C Datasheet
1,010Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802LR WILLSEMI-WS7802LR Datasheet
916Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802LS WILLSEMI-WS7802LS Datasheet
1Mb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com