Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1016N Datasheet (PDF) - Sony Corporation

CXG1016N Datasheet PDF - Sony Corporation
Part # CXG1016N
Download  CXG1016N Download
File Size   80.5 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Frequency SPDT Antenna Switch

CXG1016N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1016N Datasheet PDF - Sony Corporation

Part # CXG1016N
Download  CXG1016N Click to download

File Size   80.5 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Frequency SPDT Antenna Switch

CXG1016N Datasheet (HTML) - Sony Corporation


CXG1016N Product details

Description
The CXG1016N is a high power antenna switch MMIC. This IC is designed using the Sony’s GaAs J-FET process and operates at a single positive power supply

Features
• Single positive power supply operation
• Low insertion loss 0.45 dB (Typ.) at 1.5 GHz
• Isolation 20 dB (Typ.) at 1.5 GHz
• High power switching
    P1 dB (Typ.) 33 dBm at 1.5 GHz
                                   VCTL (H)=3.0 V
                         37 dBm at 1.5 GHz
                                   VCTL (H)=4.0 V

Applications
    Antenna switch for digital cellular telephones




Similar Part No. - CXG1016N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
Power Amplifier for PHS
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
Power Amplifier/Antenna Switch for PHS
More results


Similar Description - CXG1016N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1006N SONY-CXG1006N Datasheet
71Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
High-Frequency SPDT Antenna Switch
CXG1060N SONY-CXG1060N Datasheet
94Kb / 6P
High-Frequency SPDT Antenna Switch
logo
TriQuint Semiconductor
TQP4M4003 TRIQUINT-TQP4M4003 Datasheet
767Kb / 5P
SPDT High Power 2.5V GSM Antenna Switch
logo
Will Semiconductor Ltd.
WS7802C WILLSEMI-WS7802C Datasheet
1,010Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802LR WILLSEMI-WS7802LR Datasheet
916Kb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
WS7802LS WILLSEMI-WS7802LS Datasheet
1Mb / 6P
0.1GHz ??3GHz SPDT Antenna Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com