Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1014N Datasheet (PDF) - Sony Corporation

CXG1014N Datasheet PDF - Sony Corporation
Part # CXG1014N
Download  CXG1014N Download
File Size   184.8 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.5 GHz Low Noise Amplifier/Down Conversion Mixer

CXG1014N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1014N Datasheet PDF - Sony Corporation

Part # CXG1014N
Download  CXG1014N Click to download

File Size   184.8 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.5 GHz Low Noise Amplifier/Down Conversion Mixer

CXG1014N Datasheet (HTML) - Sony Corporation


CXG1014N Product details

Description
The CXG1014N is a low noise amplifier/down conversion mixer MMIC, designed using the Sony’s GaAs J-FET process.

Features
• Low noise
    NF=1.85 dB (Typ.) at 1.49 GHz (low noise amplifier)
• Low distortion
    Input IP3=+2 dBm (Typ.) at 1.49 GHz (mixer)
• Low LO input power operation –15 dBm
• Single 3.0 V power supply operation
• 16-pin SSOP package

Applications
    1.5 GHz Japan digital cellular telephones




Similar Part No. - CXG1014N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
Power Amplifier for PHS
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
Power Amplifier/Antenna Switch for PHS
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
High-Frequency SPDT Antenna Switch
More results


Similar Description - CXG1014N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
Low Noise Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
logo
Sony Corporation
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
Sony Corporation
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com