Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1010N Datasheet (PDF) - Sony Corporation

CXG1010N Datasheet PDF - Sony Corporation
Part # CXG1010N
Download  CXG1010N Download
File Size   218.36 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Power Amplifier for PHS

CXG1010N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1010N Datasheet PDF - Sony Corporation

Part # CXG1010N
Download  CXG1010N Click to download

File Size   218.36 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Power Amplifier for PHS

CXG1010N Datasheet (HTML) - Sony Corporation


CXG1010N Product details

Description
The CXG1010N is a power amplifier for PHS. This IC is designed using the Sony’s GaAs J-FET process and operates at a single power supply.

Features
• High output power 21.5 dBm
• Positive power supply drive VDD=3.4 V
• Low current consumption 200 mA
• High gain 40 dB Typ.
• Low distortion (ACP) –59 dBc Typ.
• Small mold package 16-pin SSOP




Similar Part No. - CXG1010N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
Power Amplifier/Antenna Switch for PHS
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
High-Frequency SPDT Antenna Switch
More results


Similar Description - CXG1010N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
Power Amplifier/Antenna Switch for PHS
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
Power Amplifier for PHS
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
logo
Transcom, Inc.
TA018-019-48-43 TRANSCOM-TA018-019-48-43 Datasheet
34Kb / 1P
PHS Band 8 Watt Amplifier
TA018-019-51-46 TRANSCOM-TA018-019-51-46 Datasheet
34Kb / 1P
PHS Band 16 Watt Amplifier
logo
Sony Corporation
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
PHS Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
PHS Power Amplifier
MAAP-000082 MA-COM-MAAP-000082_15 Datasheet
224Kb / 6P
PHS Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com