Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet (PDF) - Sony Corporation

CXG1053FN Datasheet PDF - Sony Corporation
Part # CXG1053FN
Download  CXG1053FN Download
File Size   133.38 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS

CXG1053FN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1053FN Datasheet PDF - Sony Corporation

Part # CXG1053FN
Download  CXG1053FN Click to download

File Size   133.38 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS

CXG1053FN Datasheet (HTML) - Sony Corporation


CXG1053FN Product details

Description
The CXG1053FN is an MMIC consisting of the power amplifier, antenna switch, low noise amplifier and down conversion mixer.
This IC is designed using the Sonys GaAs J-FET process featuring a single positive power supply operation.

Features
• Operates at a single positive power supply: VDD = 3V
• Small mold package: 26-pin HSOF

Applications
    Japan digital cordless telephones (PHS)




Similar Part No. - CXG1053FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1050TN SONY-CXG1050TN Datasheet
114Kb / 8P
Receiving Dual-Band Mixer
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results


Similar Description - CXG1053FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
Power Amplifier for PHS
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
Power Amplifier/Antenna Switch for PHS
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
Power Amplifier for PHS
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
Low Noise Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com