Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1053FN
Description  Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1053FN Datasheet(HTML) 3 Page - Sony Corporation

  CXG1053FN Datasheet HTML 1Page - Sony Corporation CXG1053FN Datasheet HTML 2Page - Sony Corporation CXG1053FN Datasheet HTML 3Page - Sony Corporation CXG1053FN Datasheet HTML 4Page - Sony Corporation CXG1053FN Datasheet HTML 5Page - Sony Corporation CXG1053FN Datasheet HTML 6Page - Sony Corporation CXG1053FN Datasheet HTML 7Page - Sony Corporation CXG1053FN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
– 3 –
CXG1053FN
2. Power Amplifier Block + Antenna Switch Transmitter Block
These specifications are when the Sony's recommended evaluation board with the external circuit shown on
page 7 is used. Therefore, the power amplifier output pin (POUT) and the antenna switch transmission input pin
(Tx) are connected via an external circuit. The specifications of the power amplifier block are set including the
antenna switch transmitter block.
Unless otherwise specified: VDD = 3V, VPCTL = 2V, VCTL1 = 3V, VCTL2 = 0V, IDD = 150mA,
POUT = 20.2dBm, f = 1.9GHz, Ta = 25°C
Current consumption
Gate voltage adjustment value
Output power
Power gain
Adjacent channel leak power ratio
(600 ± 100KHz)
Adjacent channel leak power ratio
(900 ± 100KHz)
Occupied bandwidth
2nd-order harmonic level
3rd-order harmonic level
Item
Symbol
0
20.2
36
Min.
150
0.25
39
–63
–70
250
Typ.
0.6
–55
–60
275
–25
–25
Max.
mA
V
dBm
dB
dBc
dBc
KHz
dBc
dBc
Unit
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measurement conditions
Electrical Characteristics
1. Control Pin Logic for Antenna Switch
Conditions of control pin
ANT – TX
ANT – RX
VCTL1 = 3V, VCTL2 = 0V
VCTL1 = 0V, VCTL2 = 3V
ON
OFF
OFF
ON
IDD
VGG
POUT
GP
ACPR600kHz
ACPR900kHz
OBW
—
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com