Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet(PDF) 6 Page - Sony Corporation

Part # CXG1053FN
Description  Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1053FN Datasheet(HTML) 6 Page - Sony Corporation

  CXG1053FN Datasheet HTML 1Page - Sony Corporation CXG1053FN Datasheet HTML 2Page - Sony Corporation CXG1053FN Datasheet HTML 3Page - Sony Corporation CXG1053FN Datasheet HTML 4Page - Sony Corporation CXG1053FN Datasheet HTML 5Page - Sony Corporation CXG1053FN Datasheet HTML 6Page - Sony Corporation CXG1053FN Datasheet HTML 7Page - Sony Corporation CXG1053FN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXG1053FN
SW/LNA block: POUT, PIM3 vs. PIN
PIN – RF input power [dBm]
–50
–40
–30
–20
–10
0
–100
–80
–60
–40
–20
POUT
PIM3
0
20
VDD = 3V, RF1 = 1.9000GHz,
RF2 = 1.9006GHz
VCTL1 = 0V, VCTL2 = 3V
MIX block: POUT, PIM3 vs. PIN
PIN – RF input power [dBm]
–40
–30
–20
–10
0
10
–100
–80
–60
–40
–20
0
20
VDD = 3V, RF1 = 1.9000GHz,
RF2 = 1.9006GHz
LO = 1.66GHz/–12dBm
MIX block: Input IP3, PLK vs. PLO
PLO – LO input power [dBm]
–25
–20
–15
–10
–5
0
–1.0
–0.5
0.0
0.5
1.0
1.5
PLK
2.0
–55
–50
–45
–40
–35
–30
–25
VDD = 3V, RF = 1.90GHz/–25dBm,
LO = 1.66GHz
VCTL1 = 0V, VCTL2 = 3V
LNA output pin and MIX input pin is
directly connected with the cable.
MIX block: Gc, NF vs. PLO
PLO – LO input power [dBm]
–25
–20
–15
–10
–5
0
7.0
7.5
8.0
8.5
9.0
9.5
Gc
10.0
6
7
8
9
10
NF
11
12
VDD = 3V, RF = 1.90GHz/small signal,
LO = 1.66GHz
Input IP3
POUT
PIM3
Input IP3
Input IP3
2. Antenna Switch Receiver Block + Low Noise Amplifier, Down Conversion Mixer (Ta = 25°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com