Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet(PDF) 1 Page - Sony Corporation

Part # CXG1053FN
Description  Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1053FN Datasheet(HTML) 1 Page - Sony Corporation

  CXG1053FN Datasheet HTML 1Page - Sony Corporation CXG1053FN Datasheet HTML 2Page - Sony Corporation CXG1053FN Datasheet HTML 3Page - Sony Corporation CXG1053FN Datasheet HTML 4Page - Sony Corporation CXG1053FN Datasheet HTML 5Page - Sony Corporation CXG1053FN Datasheet HTML 6Page - Sony Corporation CXG1053FN Datasheet HTML 7Page - Sony Corporation CXG1053FN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Power Amplifier/Antenna Switch + Low Noise Amplifier/Down Conversion Mixer for PHS
Description
The CXG1053FN is an MMIC consisting of the
power amplifier, antenna switch, low noise amplifier
and down conversion mixer.
This IC is designed using the Sony's GaAs J-FET
process featuring a single positive power supply
operation.
Features
• Operates at a single positive power supply: VDD = 3V
• Small mold package: 26-pin HSOF
<Power amplifier/antenna switch transmitter block >
• Low current consumption: IDD = 150mA
(POUT = 20.2dBm, f = 1.9GHz)
• High power gain: Gp = 39dB Typ.
(POUT = 20.2dBm, f = 1.9GHz)
<Antenna switch receiver block/
low noise amplifier>
• Low current consumption: IDD = 2.5mA Typ.
(When no signal)
• Low noise: NF = 2.7dB Typ. (f = 1.9GHz)
<Down conversion mixer>
• High conversion gain: Gc = 9dB Typ. (f = 1.9GHz)
• Low distortion: Input IP3 = +1dBm Typ. (f = 1.9GHz)
Applications
Japan digital cordless telephones (PHS)
Structure
GaAs J-FET MMIC
Absolute Maximum Ratings
<Power amplifier block>
• Supply voltage
VDD
6V
• Voltage between gate and source
VGSO
1.5
V
• Drain current
IDD
550
mA
• Allowable power dissipation
PD
3W
<Switch block>
Control voltage
VCTL
6V
<Front-end block>
• Supply voltage
VDD
6V
• Input power
PRF
+10
dBm
<Common to each block>
• Channel temperature
Tch
150
°C
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
– 1 –
E99852-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXG1053FN
26 pin HSOF (Plastic)
Note on Handling
GaAs MMICs are ESD sensitive devices. Special handling precautions are required.


Similar Part No. - CXG1053FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1050TN SONY-CXG1050TN Datasheet
114Kb / 8P
Receiving Dual-Band Mixer
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results

Similar Description - CXG1053FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
Power Amplifier for PHS
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
Power Amplifier/Antenna Switch for PHS
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
Power Amplifier for PHS
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
Low Noise Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com