Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet(PDF) 4 Page - Sony Corporation

Part # CXG1053FN
Description  Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1053FN Datasheet(HTML) 4 Page - Sony Corporation

  CXG1053FN Datasheet HTML 1Page - Sony Corporation CXG1053FN Datasheet HTML 2Page - Sony Corporation CXG1053FN Datasheet HTML 3Page - Sony Corporation CXG1053FN Datasheet HTML 4Page - Sony Corporation CXG1053FN Datasheet HTML 5Page - Sony Corporation CXG1053FN Datasheet HTML 6Page - Sony Corporation CXG1053FN Datasheet HTML 7Page - Sony Corporation CXG1053FN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
– 4 –
CXG1053FN
(b) Mixer Block
Unless otherwise specified: VDD = 3V, RF = 1.90GHz/–25dBm, LO = 1.66GHz/–12dBm, Ta = 25°C
LO block current consumption
IF block current consumption
Conversion gain
Noise figure
Input IP3
LO to ANT leak
IDD_LO
IDD_IF
GC
NF
IIP3
PLK
7
–2
1.7
3.3
9
8.5
+1
–43
2.5
4.5
11
11.5
–38
mA
mA
dB
dB
dBm
dBm
When no signal
When no signal
∗2
∗3
∗2 Conversion from IM3 compression ratio during FR1 = 1.9000GHz/–25dBm and FR2 = 1.9006GHz/–25dBm
input.
∗3 The RF
OUT
pin of the LNA and the RFIN pin of the MIX block is connected directly with the cable.
And the power supply of the LNA is turned on.
(c) Total of (a) + (b)
Current consumption
IDD_total
7.5
10
mA
When no signal
3. Antenna Switch Receiver Block + Front-end Block
These specifications are when the Sony's recommended evaluation board with the external circuit shown on
page 7 is used. Therefore, the antenna switch reception pin (Rx) and the low noise amplifier input pin
(RFIN_LNA) are connected via an external circuit. The specifications of the low noise amplifier block are set
including the antenna switch reception block.
(a) Antenna switch receiver block + low noise amplifier block
Unless otherwise specified: VDD = 3V, VCTL1 = 0V, VCTL2 = 3V, RF = 1.9GHz/–30dBm, Ta = 25°C
Current consumption
Power gain
Noise figure
Input IP3
Isolation
Item
IDD_LNA
GP
NF
IIP3
ISO
Symbol
12.5
–11
25
Min.
2.5
14.5
2.7
–8
30
Typ.
3.5
16.5
3.5
Max.
mA
dB
dB
dBm
dB
Unit
When no signal
∗1
Measurement conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement conditions
∗1 Conversion from IM3 compression ratio during FR1 = 1.9000GHz/–30dBm and FR2 = 1.9006GHz/–30dBm
input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com