Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet(PDF) 7 Page - Sony Corporation

Part # CXG1053FN
Description  Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1053FN Datasheet(HTML) 7 Page - Sony Corporation

  CXG1053FN Datasheet HTML 1Page - Sony Corporation CXG1053FN Datasheet HTML 2Page - Sony Corporation CXG1053FN Datasheet HTML 3Page - Sony Corporation CXG1053FN Datasheet HTML 4Page - Sony Corporation CXG1053FN Datasheet HTML 5Page - Sony Corporation CXG1053FN Datasheet HTML 6Page - Sony Corporation CXG1053FN Datasheet HTML 7Page - Sony Corporation CXG1053FN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
– 7 –
CXG1053FN
Recommended Evaluation Board
VPCTL
VDD_LO
VDD_IF
VCTL2
VGG
ANT
RFIN_MIX
RFOUT_LNA
Glass fabric-base epoxy board (4 layers)
Thinkness between layers 1 and 2: 0.2mm
Dimensions: 50mm
× 50mm
IFOUT
PAIN
LOIN
VDD_LNA
VCTL1
VDD-PA
Enlarged Diagram of External Circuit Block
C6
C6
C8
C2
C6
C6
C6
C5
C5
C5
C5
R1
C1
C4
C4
L3
L3
L5
L1
C3
C6
C6
C4
C4
C7
C5
L2
L5
L4
L7
L6
L6
R1 = 1k
Ω
L1 = 1.5nH
L2 = 1.8nH
L3 = 2.2nH
L4 = 2.7nH
L5 = 3.9nH
L6 = 18nH
L7 = 56nH
C1 = 1pF
C2 = 8pF
C3 = 18pF
C4 = 30pF
C5 = 100pF
C6 = 1nF
C7 = 10nF
C8 = 100nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com