Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1053FN
Description  Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1053FN Datasheet(HTML) 5 Page - Sony Corporation

  CXG1053FN Datasheet HTML 1Page - Sony Corporation CXG1053FN Datasheet HTML 2Page - Sony Corporation CXG1053FN Datasheet HTML 3Page - Sony Corporation CXG1053FN Datasheet HTML 4Page - Sony Corporation CXG1053FN Datasheet HTML 5Page - Sony Corporation CXG1053FN Datasheet HTML 6Page - Sony Corporation CXG1053FN Datasheet HTML 7Page - Sony Corporation CXG1053FN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
– 5 –
CXG1053FN
Example of Representative Characteristics
1. Power Amplifier + Antenna Switch Transmitter Block (f = 1.9GHz, Ta = 25°C)
POUT, ACPR600kHz vs. PIN
PIN – Input power [dBm]
–40
–35
–30
–25
–20
–15
–10
–70
–65
–60
–55
–50
–45
–40
–5
0
5
10
15
20
25
Gp, ACPR600kHz vs. VPCTL
VPCTL – Gain control voltage [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
–70
–65
–60
–55
–50
–45
–40
15
20
25
30
35
40
Gp
45
ACPR600kHz
ACPR600kHz
VDD = 3V, VPCTL = 2V,
VGG = const., VTCL1 = 3V,
VCTL2 = 0V
IDD = 150mA
(@POUT = 20.2dBm),
PIN = var.
POUT, ACPR600kHz vs. VDD
VDD – Supply voltage [V]
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–70
–65
–60
–55
–50
–45
–40
17
18
19
20
21
22
23
VDD = var., VPCTL = 2V,
VGG = const., VTCL1 = 3V,
VCTL2 = 0V
IDD = 150mA
(@VDD = 3V, POUT = 20.2dBm),
PIN = –19.2dBm
VDD = 3V, VPCTL = var.,
VGG = const., VTCL1 = 3V,
VCTL2 = 0V
IDD = 150mA (@VPCTL = 2V),
PIN = var., POUT = 20.2dBm
POUT
ACPR600kHz
Gp, ACPR600kHz vs. IDD
IDD – Current consumption [mA]
100
120
140
160
180
200
220
–70
–65
–60
–55
–50
–45
–40
36
37
38
39
40
41
42
VDD = 3V, VPCTL = 2V,
VGG = var., VTCL1 = 3V,
VCTL2 = 0V
IDD = var., PIN = var.,
POUT = 20.2dBm
Gp
ACPR600kHz
POUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com