Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1053FN Datasheet(PDF) 2 Page - Sony Corporation

Part # CXG1053FN
Description  Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1053FN Datasheet(HTML) 2 Page - Sony Corporation

  CXG1053FN Datasheet HTML 1Page - Sony Corporation CXG1053FN Datasheet HTML 2Page - Sony Corporation CXG1053FN Datasheet HTML 3Page - Sony Corporation CXG1053FN Datasheet HTML 4Page - Sony Corporation CXG1053FN Datasheet HTML 5Page - Sony Corporation CXG1053FN Datasheet HTML 6Page - Sony Corporation CXG1053FN Datasheet HTML 7Page - Sony Corporation CXG1053FN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
– 2 –
CXG1053FN
VGG1
VPCTL
VGG2
POUT
TX
VCTL1
ANT
GND
RFOUT/VDD (RF AMP)
GND
RFIN (MIX)
VDD (LO AMP)
LOIN
PIN
GND
VDD1
VDD2
VDD3
GND
RX
VCTL2
RFIN
CAP
GND
CAP
IFOUT/VDD (IF AMP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
25
26
Pin Configuration
2.2nH
PIN
18nH
1nF
1nF
VDD1
18nH
1nF
30pF
VDD2
56nH
1nF
8pF
100pF
1.8nH
10nF
VDD3
VCTL2
100pF
1k
Ω
(VGG1)
(POUT)
(TX)
VPCTL
1pF
100pF
VGG2
IFOUT
30pF
100nF
1nF
3.9nH
2.7nH
(RFIN)
(RX)
ANT
RFIN
(MIX)
VDD
(LO AMP)
LOIN
VCTL1
30pF
30pF
100pF
2.2nH
RFOUT
VDD
(RF AMP)
3.9nH
1.5nH
1nF
1nF
18pF
100pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
25
26
VDD
(IF AMP)
Block Diagram and External Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com