Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML60171C Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML60171C Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML60171C
Download  ML60171C Download
File Size   101.12 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description ML6xx71 LD SERIES

ML60171C Datasheet (PDF)

Go To PDF Page Download Datasheet
ML60171C Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML60171C
Download  ML60171C Click to download

File Size   101.12 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description ML6xx71 LD SERIES

ML60171C Datasheet (HTML) - Mitsubishi Electric Semiconductor


ML60171C Product details

DESCRIPTION
Mitsubishi ML6xx71 is a high-power, high-efficient semiconductor laser diode which provides emission wavelength of 827 nm and standard light output of 260mW.
This LD has narrow-stripe structure which enables better beam quality even at high output power.

FEATURES
• High Output Power: 260mW (CW)
• High Efficiency: 1.0mW/mA (typ.)
• Peak Wavelength: 827nm (typ.)
• Lateral single-mode lasing
• φ 5.6mm TO-CAN PKG (with monitor PD)

APPLICATION
• Motion sensor
• Printing




Similar Part No. - ML60171C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML60114R MITSUBISHI-ML60114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
ML60115R MITSUBISHI-ML60115R Datasheet
100Kb / 3P
AIGaAs LASER DIODES?
ML60116 MITSUBISHI-ML60116 Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML60116R MITSUBISHI-ML60116R Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML60124R MITSUBISHI-ML60124R Datasheet
209Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS?
More results


Similar Description - ML60171C

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDAV521E1 NICHIA-NDAV521E1 Datasheet
360Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E Datasheet
244Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
206Kb / 2P
LD Slot Module
logo
Mitsubishi Electric Sem...
ML501P73 MITSUBISHI-ML501P73 Datasheet
166Kb / 5P
ML5xx73 LD SERIES
logo
Weidmuller
0222760001 WEIDMULLER-0222760001 Datasheet
474Kb / 2P
ASK 1EN/LD, KDKS 1EN/LD and KDKS 1PE/LD Indicating Fuse Terminal Blocks
logo
NICHIA CORPORATION
NUV203E NICHIA-NUV203E Datasheet
373Kb / 2P
LD Receptacle Module
NUU102E NICHIA-NUU102E_16 Datasheet
109Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E_16 Datasheet
105Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E_16 Datasheet
113Kb / 2P
LD Slot Module
logo
RAYEX ELECTRONICS CO., ...
LD-12F RAYEX-LD-12F Datasheet
482Kb / 2P
LD SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com