Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1127ER Datasheet (PDF) - Sony Corporation

CXG1127ER Datasheet PDF - Sony Corporation
Part # CXG1127ER
Download  CXG1127ER Download
File Size   70.93 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone

CXG1127ER Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1127ER Datasheet PDF - Sony Corporation

Part # CXG1127ER
Download  CXG1127ER Click to download

File Size   70.93 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone

CXG1127ER Datasheet (HTML) - Sony Corporation


CXG1127ER Product details

Description
The CXG1127ER is a high power antenna switch MMIC for PDC 800MHz and 1.5GHz dual phone. The CXG1127ER is suited to connect 2Tx/3Rx to one of 4 antennas. The CXG1127ER has on-chip logic circuit for operation with 5 CMOS inputs. The Sony’s GaAs J-FET process is used for low insertion loss and low voltage operation.

Features
• Low insertion loss: 0.45dB @900MHz, 0.55dB @1.5GHz
• High linearity: Harmonic < – 65dBc
• CMOS compatible input control
• Small package: 24-pin VQFN (4.0mm × 4.0mm)

Applications
    5 × 4 antenna switch for digital cellular such as PDC handsets




Similar Part No. - CXG1127ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1122EN SONY-CXG1122EN Datasheet
54Kb / 6P
SP5T GSM Triple-Band/GPRS Antenna Switch
CXG1125ER SONY-CXG1125ER Datasheet
83Kb / 9P
High Power 6 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Full Packet
More results


Similar Description - CXG1127ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
CXG1063TN SONY-CXG1063TN Datasheet
67Kb / 5P
High Power 2 쨈 4 Antenna Switch MMIC
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1125ER SONY-CXG1125ER Datasheet
83Kb / 9P
High Power 6 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Full Packet
CXG1131ER SONY-CXG1131ER Datasheet
72Kb / 7P
High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
CXG1166AER SONY-CXG1166AER Datasheet
69Kb / 8P
High Power 3 x 5 Antenna Switch MMIC with Integrated Control Logic
CXG1166ER SONY-CXG1166ER Datasheet
69Kb / 8P
High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com