Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1122EN Datasheet (PDF) - Sony Corporation

CXG1122EN Datasheet PDF - Sony Corporation
Part # CXG1122EN
Download  CXG1122EN Download
File Size   54.51 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SP5T GSM Triple-Band/GPRS Antenna Switch

CXG1122EN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1122EN Datasheet PDF - Sony Corporation

Part # CXG1122EN
Download  CXG1122EN Click to download

File Size   54.51 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description SP5T GSM Triple-Band/GPRS Antenna Switch

CXG1122EN Datasheet (HTML) - Sony Corporation


CXG1122EN Product details

Description
The CXG1122EN is one of a range of low insertion loss, high power MMIC antenna switches for GSM/GPRS triple-band, dual-band (CXG1121TN) and applications. The low insertion loss on transmit means increased talk time as the Tx power amplifier can be operated at a lower output level. On-chip logic reduces the component count and simplifies the PCB layout by allowing the direct connection of the switch to digital baseband control lines with the CMOS logic levels.

Features
• Insertion loss: (Tx) 0.5dB typ. at 34dBm (GSM900)
• 3 CMOS compatible control lines
• Low second harmonic: –40dBm typ. at 34dBm (GSM900)
• Small package size: 16-pin VSON (2.7mm × 3.5mm × 0.9mm)

Applications
Triple-band handsets using the combinations of followings:
• GSM900/DCS1800/PCS1900
• GPRS
• DECT




Similar Part No. - CXG1122EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1125ER SONY-CXG1125ER Datasheet
83Kb / 9P
High Power 6 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Full Packet
CXG1127ER SONY-CXG1127ER Datasheet
70Kb / 7P
High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone
More results


Similar Description - CXG1122EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
SP4T Antenna Switch for GSM Dual band
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
SP4T GSM/GPRS Dual-Band Antenna Switch Logic
logo
Tyco Electronics
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
logo
Freescale Semiconductor...
MMM6025 FREESCALE-MMM6025 Datasheet
516Kb / 16P
Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
logo
Sony Corporation
CXG1235XR SONY-CXG1235XR Datasheet
176Kb / 7P
SP5T Antenna Switch
logo
Skyworks Solutions Inc.
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
logo
Infineon Technologies A...
BGS15AN16 INFINEON-BGS15AN16 Datasheet
1Mb / 16P
SP5T Antenna Switch
Revision 2.1, 2013-01-21
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com