Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-444 Datasheet (PDF) - Tyco Electronics

SW-444 Datasheet PDF - Tyco Electronics
Part # SW-444
Download  SW-444 Download
File Size   51.61 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz

SW-444 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-444 Datasheet PDF - Tyco Electronics

Part # SW-444
Download  SW-444 Click to download

File Size   51.61 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz

SW-444 Datasheet (HTML) - Tyco Electronics


SW-444 Product details

Description
The M/A-COM SW-444 is a GaAs monolithic switch in a low cost, FQFP-N, surface mount plastic package. The SW-444 is ideally suited for applications where very low power consumption, high power handling, and low cost are required. The SW-444 includes an integrated decoder. This switch is designed for Transmit and Receive switching for Triple-Band GSM/DCS/PCS Mobile Phones. The switch offers GSM power handling as low as +2.0 V control voltage. The supply voltage VDD should be connected to the highest available voltage and may be unregulated.

Features
• GSM Power Handling with +2.0V Control Voltage
• Low Power Consumption. Less than 1mA in Rx mode
• Integrated Decoder
• Leadless 4 x 4 mm FQFP-N, 20 Pin Package
• Low Insertion Loss of 0.6 dB in GSM Transmit Mode




Similar Part No. - SW-444

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-442PIN MACOM-SW-442PIN Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442RTR MACOM-SW-442RTR Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442SMB MACOM-SW-442SMB Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
More results


Similar Description - SW-444

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
Sony Corporation
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
CXG1122EN SONY-CXG1122EN Datasheet
54Kb / 6P
SP5T GSM Triple-Band/GPRS Antenna Switch
logo
Tyco Electronics
MASWSS0017 MACOM-MASWSS0017 Datasheet
51Kb / 5P
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
MASWSS0049 MACOM-MASWSS0049 Datasheet
58Kb / 6P
2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
SW-488 MACOM-SW-488 Datasheet
53Kb / 6P
2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com