Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-444 Datasheet(PDF) 5 Page - Tyco Electronics

Part # SW-444
Description  2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-444 Datasheet(HTML) 5 Page - Tyco Electronics

  SW-444 Datasheet HTML 1Page - Tyco Electronics SW-444 Datasheet HTML 2Page - Tyco Electronics SW-444 Datasheet HTML 3Page - Tyco Electronics SW-444 Datasheet HTML 4Page - Tyco Electronics SW-444 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2V Control Triple-Band GSM/DCS/PCS SP5T Switch
SW -444
V1.4
The Advanced Information Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
5
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
4 mm FQFP-N, 20-Lead
Measurement (mm)
Dimension
Min.
Nom.
Max.
A
A1
A2
A3
b
D
D1
D2
e
E
E1
E2
L
0.80
0
0
0.18
0.75
0.75
0.35
0.90
0.02
0.65
0.25 ref.
0.23
4.00 basic
3.75 basic
1.70
0.50 basic
4.00 basic
3.75 basic
1.70
0.55
1.00
0.05
1.00
0.30
2.25
2.25
0.75
Note: See JEDEC MO-220A VGGD-1 for additional dimensional and
tolerance information
E2
20 x b
e
4 x e
L
e
4 x e
D2
D
E
E1
D1
A
A2
A1
A3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com