Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-444 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-444
Description  2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-444 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-444 Datasheet HTML 1Page - Tyco Electronics SW-444 Datasheet HTML 2Page - Tyco Electronics SW-444 Datasheet HTML 3Page - Tyco Electronics SW-444 Datasheet HTML 4Page - Tyco Electronics SW-444 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ADVANCED INFORMATION
2V Control Triple-Band GSM/DCS/PCS SP5T Switch
SW-444
0.5 – 2.0 GHz
Rev 1.4
The Advanced Information Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
1
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Features
• GSM Power Handling with +2.0V Control
Voltage
• Low Power Consumption. Less than 1µA in Rx
mode
• Integrated Decoder
• Leadless 4 x 4 mm FQFP-N, 20 Pin Package
• Low Insertion Loss of 0.6 dB in GSM Transmit
Mode
Description
The M/A-COM SW-444 is a GaAs monolithic
switch in a low cost, FQFP-N, surface mount plastic
package.
The
SW-444
is
ideally
suited
for
applications where very low power consumption,
high power handling, and low cost are required. The
SW-444 includes an integrated decoder. This switch
is designed for Transmit and Receive switching for
Triple-Band GSM/DCS/PCS Mobile Phones. The
switch offers GSM power handling as low as +2.0
V control voltage. The supply voltage VDD should
be connected to the highest available voltage and
may be unregulated.
The SW-444 is fabricated using a new 0.5-micron
gate length GaAs pHEMT process.
The process
features
full
chip
passivation
for
increased
performance and reliability.
.
Functional Schematic
Ordering Information
Part Number
Description
SW-444TR
SW-444 on 1000 Piece Tape and Reel
SW-444TR-3000
SW-444 on 3000 Piece Tape and Reel
SW-444SMB
SW-444 Sample Test Board
Decoder
PTX/DTX
GND
GTX
GND
VDD
PRX
DRXS
DRX
GND
GND


Similar Part No. - SW-444

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-442PIN MACOM-SW-442PIN Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442RTR MACOM-SW-442RTR Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442SMB MACOM-SW-442SMB Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
More results

Similar Description - SW-444

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
Sony Corporation
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
CXG1122EN SONY-CXG1122EN Datasheet
54Kb / 6P
SP5T GSM Triple-Band/GPRS Antenna Switch
logo
Tyco Electronics
MASWSS0017 MACOM-MASWSS0017 Datasheet
51Kb / 5P
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
MASWSS0049 MACOM-MASWSS0049 Datasheet
58Kb / 6P
2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
SW-488 MACOM-SW-488 Datasheet
53Kb / 6P
2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com