Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0049 Datasheet (PDF) - Tyco Electronics

MASWSS0049 Datasheet PDF - Tyco Electronics
Part # MASWSS0049
Download  MASWSS0049 Download
File Size   58.95 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz

MASWSS0049 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0049 Datasheet PDF - Tyco Electronics

Part # MASWSS0049
Download  MASWSS0049 Click to download

File Size   58.95 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz

MASWSS0049 Datasheet (HTML) - Tyco Electronics


MASWSS0049 Product details

Description
The M/A-COM MASWSS0049 is a GaAs monolithic switch in a low cost, FQFP-N, surface mount plastic package. The MASWSS0049 is ideally suited for applications where very low power consumption, high power handling, and low cost are required. The MASWSS0049 includes an integrated decoder and a low loss diplexer. The switch offers GSM power handling with below +2.5V control voltage. The supply voltage VDD should be connected to the highest available voltage.

Features
• GSM Power Handling with +2.0 V Control Voltage
• Low Power Consumption. Less than 1mA in Rx Mode.
• Integrated Low Loss Diplexer.
• Integrated Decoder.
• Leadless 5x 5 mm FQFP-N, 20 Pin Package.
• Low Insertion Loss, 0.8 dB in GSM Transmit Mode.
• Excellent Harmonic Characteristics.




Similar Part No. - MASWSS0049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040 MA-COM-MASWSS0040 Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0040SMB MACOM-MASWSS0040SMB Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040SMB MA-COM-MASWSS0040SMB Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0040TR MACOM-MASWSS0040TR Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results


Similar Description - MASWSS0049

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
DUAL-BAND GSM/DCS POWER AMP MODULE
logo
Sony Corporation
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
CXG1122EN SONY-CXG1122EN Datasheet
54Kb / 6P
SP5T GSM Triple-Band/GPRS Antenna Switch
logo
Tyco Electronics
MASWSS0017 MACOM-MASWSS0017 Datasheet
51Kb / 5P
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
SW-488 MACOM-SW-488 Datasheet
53Kb / 6P
2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
logo
Sony Corporation
CXG1190AEQ SONY-CXG1190AEQ Datasheet
326Kb / 9P
GSM/ UMT DUAL MODE SWITCH
CXG1195XR SONY-CXG1195XR Datasheet
194Kb / 7P
High Power SP5T Antenna Switch MMIC for GSM/UMTS Dual Mode
logo
American Accurate Compo...
JXMBHL-T-2-G AAC-JXMBHL-T-2-G Datasheet
226Kb / 1P
GSM/DCS Dual-band Combiner
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com