Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0049 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWSS0049
Description  2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0049 Datasheet(HTML) 4 Page - Tyco Electronics

  MASWSS0049 Datasheet HTML 1Page - Tyco Electronics MASWSS0049 Datasheet HTML 2Page - Tyco Electronics MASWSS0049 Datasheet HTML 3Page - Tyco Electronics MASWSS0049 Datasheet HTML 4Page - Tyco Electronics MASWSS0049 Datasheet HTML 5Page - Tyco Electronics MASWSS0049 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2V Control, Dual -Mode WCDMA & Dual Band GSM/DCS Tx/Rx SP5T Switch
MASWSS0049
V1.1
The Advanced Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
4
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Sample Board Schematic
External Circuitry Parts List (Note: Values of external elements not final)
Ref. Designation
Value
Purpose
C1
22 pF
DC Block
C2
22 pF
DC Block
C3
22 pF
DC Block
C4
22 pF
DC Block
C5
4.7 pF
RF Shunt
C6
22 pF
DC Block
C7
22 pF
DC Block
ANT
C7
BS
TXS
PRXON
VDD
DRX
DTX
C4
C5
C6
WCDMA
GRX
GTX
C1
C2
C3
Decoder



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com