Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0049 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASWSS0049
Description  2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0049 Datasheet(HTML) 5 Page - Tyco Electronics

  MASWSS0049 Datasheet HTML 1Page - Tyco Electronics MASWSS0049 Datasheet HTML 2Page - Tyco Electronics MASWSS0049 Datasheet HTML 3Page - Tyco Electronics MASWSS0049 Datasheet HTML 4Page - Tyco Electronics MASWSS0049 Datasheet HTML 5Page - Tyco Electronics MASWSS0049 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2V Control, Dual -Mode WCDMA & Dual Band GSM/DCS Tx/Rx SP5T Switch
MASWSS0049
V1.1
The Advanced Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
5
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
MASWSS0049 Harmonics at the GSM TX Port versus Voltage
Pin = 34 dBm, Vcontrol=2V
-100
-80
-60
-40
-20
0
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Vdd (V)
GSM 2H
GSM 3H
MASWSS0049 Harmonics at the DCS TX Port versus Voltage
Pin = 32 dBm, Vcontrol=2V
-100
-80
-60
-40
-20
0
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Vdd (V)
DCS 2H
DCS 3H
MASWSS0049 Harmonics at the WCDMA Port versus Voltage
Pin = 29 dBm, Vcontrol=2V
-100
-80
-60
-40
-20
0
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Vdd (V)
WCDMA 2H
WCDMA 3H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com