Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0049 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0049
Description  2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0049 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0049 Datasheet HTML 1Page - Tyco Electronics MASWSS0049 Datasheet HTML 2Page - Tyco Electronics MASWSS0049 Datasheet HTML 3Page - Tyco Electronics MASWSS0049 Datasheet HTML 4Page - Tyco Electronics MASWSS0049 Datasheet HTML 5Page - Tyco Electronics MASWSS0049 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2V Control, Dual -Mode WCDMA & Dual Band GSM/DCS Tx/Rx SP5T Switch
MASWSS0049
V1.1
The Advanced Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
3
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Pin Configuration
Pin No.
Pin Name
Description
1
WCDMA
WCDMA Port
2
GND
RF Ground
3
GRX
GSM Rx Port
4
GND
RF Ground
5
GTX
GSM Tx Port
6
VDD
Decoder Vdd
7
BS
Control 1
8
TXS
Control 2
9
PRXON
Control 3
10
GND
RF Ground
11
GND
RF Ground
12
DTX
DCS Tx Port
13
GND
RF Ground
14
DRXS
DCS Rx Shunt
15
DRX
DCS Rx Port
16
GND
RF Ground
17
GND
RF Ground
18
GND
RF Ground
19
ANT
Antenna
20
GND
RF Ground
21
GND
Paddle
Truth Table
BS
TXS
PRXON
MODE
0
0
0
GSM RX – ANT
WCDMA – ANT
0
1
0
GSM TX – ANT
1
1
0
DCS TX – ANT
1
0
0
DCS RX – ANT
Logic Level
Voltage Level
VLo “0”=
0 V
VHi “1”=
2.5 V
Block Diagram
WCDMA
GND
GRX
GND
GTX
DRX
DRXS
GND
DTX
GND
Decoder



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com