Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0049 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0049
Description  2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0049 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0049 Datasheet HTML 1Page - Tyco Electronics MASWSS0049 Datasheet HTML 2Page - Tyco Electronics MASWSS0049 Datasheet HTML 3Page - Tyco Electronics MASWSS0049 Datasheet HTML 4Page - Tyco Electronics MASWSS0049 Datasheet HTML 5Page - Tyco Electronics MASWSS0049 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADVANCED DATASHEET
2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch
MASWSS0049
VER 1.
0.5 – 2.0 GHz
Rev 1.1
The Advanced Specifica tions Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
1
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Features
• GSM Power Handling with +2.0 V Control
Voltage
• Low Power Consumption. Less than 1µA in Rx
Mode.
• Integrated Low Loss Diplexer.
• Integrated Decoder.
• Leadless 5x 5 mm FQFP-N, 20 Pin Package.
• Low Insertion Loss, 0.8 dB in GSM Transmit
Mode.
• Excellent Harmonic Characteristics.
Description
The
M/A -COM
MASWSS0049
is
a
GaAs
monolithic switch in a low cost, FQFP -N, surface
mount plastic package. The MASWSS0049 is
ideally suited for applications where very low
power consumption, high power handling, and low
cost are required. The MASWSS0049 includes an
integrated decoder and a low loss diplexer. The
switch offers GSM power handling with below
+2.5V control voltage. The supply voltage VDD
should be connected to the highest available
voltage.
The MASWSS0049 is fabricated using a new 0.5-
micron gate length GaAs pHEMT process.
The
process features full chip passivation for increased
performance and reliability. This switch is designed
for
Dual
Mode
WCDMA/GSM/DCS
handsets
where the phone needs to be able to simultaneously
receive a WCDMA and GSM signal.
Functional Schematic
Ordering Information
Part Number
Description
MASWSS0049 - XFLT1
MASWSS0049 on 1000 Piece Tape and Reel
MASWSS0049 - XFLT3
MASWSS0049 on 3000 Piece Tape and Reel
MASWSS0049 - XFLS0
MASWSS0049 Sample Test Board
* If specific reel size is required, consult factory for part number
assignment
WCDMA
GND
GRX
GND
GTX
DRX
DRXS
GND
DTX
GND
Decoder


Similar Part No. - MASWSS0049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040 MA-COM-MASWSS0040 Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0040SMB MACOM-MASWSS0040SMB Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040SMB MA-COM-MASWSS0040SMB Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0040TR MACOM-MASWSS0040TR Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results

Similar Description - MASWSS0049

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
DUAL-BAND GSM/DCS POWER AMP MODULE
logo
Sony Corporation
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
SP5T GSM Triple-Band Antenna Switch
CXG1122EN SONY-CXG1122EN Datasheet
54Kb / 6P
SP5T GSM Triple-Band/GPRS Antenna Switch
logo
Tyco Electronics
MASWSS0017 MACOM-MASWSS0017 Datasheet
51Kb / 5P
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
SW-488 MACOM-SW-488 Datasheet
53Kb / 6P
2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
logo
Sony Corporation
CXG1190AEQ SONY-CXG1190AEQ Datasheet
326Kb / 9P
GSM/ UMT DUAL MODE SWITCH
CXG1195XR SONY-CXG1195XR Datasheet
194Kb / 7P
High Power SP5T Antenna Switch MMIC for GSM/UMTS Dual Mode
logo
American Accurate Compo...
JXMBHL-T-2-G AAC-JXMBHL-T-2-G Datasheet
226Kb / 1P
GSM/DCS Dual-band Combiner
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com