Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-488 Datasheet (PDF) - Tyco Electronics

SW-488 Datasheet PDF - Tyco Electronics
Part # SW-488
Download  SW-488 Download
File Size   53.89 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz

SW-488 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-488 Datasheet PDF - Tyco Electronics

Part # SW-488
Download  SW-488 Click to download

File Size   53.89 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz

SW-488 Datasheet (HTML) - Tyco Electronics


SW-488 Product details

Description
The M/A-COM SW-488 is a GaAs monolithic switch in a low cost, FQFP-N, surface mount plastic package. The SW-488 is ideally suited for applications where very low power consumption, high power handling, and low cost are required. The SW-488 includes an integrated decoder. The switch offers GSM power handling with below +2.5V control voltage. The supply voltage VDD should be connected to the highest available voltage.
The SW-488 is fabricated using a new 0.5-micron gate length GaAs pHEMT process. The process features full chip passivation for increased performance and reliability. This switch is designed for Dual Mode WCDMA/GSM/DCS handsets where the phone needs to be able to simultaneously receive a WCDMA and GSM signal.

Features
● GSM Power Handling with +2.0 V Control Voltage
● Low Power Consumption. Less than 1μA current in Receive mode.
● Integrated Decoder.
● Leadless 4 x 4mm FQFP-N, 20 Pin Package.
● Low Insertion Loss, 0.3 dB in GSM Transmit mode.




Similar Part No. - SW-488

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485SMB MACOM-SW-485SMB Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485SMB MA-COM-SW-485SMB Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485TR-3000 MACOM-SW-485TR-3000 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
More results


Similar Description - SW-488

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
DUAL-BAND GSM/DCS POWER AMP MODULE
logo
Tyco Electronics
MASWSS0017 MACOM-MASWSS0017 Datasheet
51Kb / 5P
2V Dual-Mode WCDMA & Triple Band GSM/DCS/PCS Switch 0.5 - 2.2 GHz
MASWSS0049 MACOM-MASWSS0049 Datasheet
58Kb / 6P
2 V Dual-Mode WCDMA & Dual Band GSM/DCS SP5T Switch 0.5 - 2.0 GHz
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
logo
Sony Corporation
CXG1190AEQ SONY-CXG1190AEQ Datasheet
326Kb / 9P
GSM/ UMT DUAL MODE SWITCH
logo
American Accurate Compo...
JXMBHL-T-2-G AAC-JXMBHL-T-2-G Datasheet
226Kb / 1P
GSM/DCS Dual-band Combiner
logo
List of Unclassifed Man...
GSA8821 ETC2-GSA8821 Datasheet
640Kb / 8P
I-Bar Penta-band GSM Antenna Works with GSM / CDMA / PCS / DCS /UMTS/ WCDMA
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P1T WALSIN-RFCPL1608070P1T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com