Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-485 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-485 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-485
Download  SW-485 Download
File Size   116.63 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch 0.05 - 3.0 GHz

SW-485 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-485 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-485
Download  SW-485 Click to download

File Size   116.63 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch 0.05 - 3.0 GHz

SW-485 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-485 Product details

Description
M/A-COM’s SW-485 is a GaAs PHEMT MMIC SPDT switch in a low cost SC-70 (SOT-363) surface mount plastic package. The SW-485 is ideally suited for applications where very small size and low cost are required. Typical applications are dual band systems where switching between small signal components are required such as filter banks, single-band LNAs, converters, etc. This part can be used for low power, low loss requirements in all systems operating up to 3 GHz, including PCS, GSM, DCS, Blue Tooth, and other Rx chain applications.

Features
• Low Insertion Loss: 0.3 dB Typ. @ 2.4 GHz
• Isolation: 21 dB @ 2.4 GHz
• Low Power Consumption: <5 μA @ +2.3V
• Low Cost Plastic SOT-363 Package




Similar Part No. - SW-485

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485SMB MACOM-SW-485SMB Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485TR-3000 MACOM-SW-485TR-3000 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
More results


Similar Description - SW-485

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com