Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-485 Datasheet (PDF) - Tyco Electronics

SW-485 Datasheet PDF - Tyco Electronics
Part # SW-485
Download  SW-485 Download
File Size   99.25 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch 0.05 - 3.0 GHz

SW-485 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-485 Datasheet PDF - Tyco Electronics

Part # SW-485
Download  SW-485 Click to download

File Size   99.25 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch 0.05 - 3.0 GHz

SW-485 Datasheet (HTML) - Tyco Electronics


SW-485 Product details

Description
M/A-COM’s SW-485 is a GaAs PHEMT MMIC SPDT switch in a low cost SC-70 (SOT-363) surface mount plastic package. The SW-485 is ideally suited for applications where very small size and low cost are required. Typical applications are dual band systems where switching b etween small signal components is required such as filter banks, single-band LNAs, converters, etc. This part can be used for low power, low loss requirements in the all systems operating up to 3 GHz, including PCS, GSM, DCS, Blue Tooth, and other Rx chain applications.

Features
• Low Insertion Loss 0.3 dB Typ. @ 2.4 GHz
• Moderate Isolation 21 dB @ 2.4 GHz
• Low Power Consumption <5 µA @ +2.3V
• Low Cost Plastic SOT-363 Package




Similar Part No. - SW-485

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485SMB MA-COM-SW-485SMB Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485TR-3000 MA-COM-SW-485TR-3000 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
More results


Similar Description - SW-485

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com