Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-485 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-485
Description  GaAs SPDT Switch 0.05 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-485 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-485 Datasheet HTML 1Page - Tyco Electronics SW-485 Datasheet HTML 2Page - Tyco Electronics SW-485 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Switch 0.05—3.0 GHz
SW-485
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
0.05-1.0 GHz
0.05-3.0 GHz
dB
dB
0.25
0.35
0.4
0.55
Isolation
0.05-1.0 GHz
0.05-3.0 GHz
dB
dB
20
20
23
21
VSWR
0.05-3.0 GHz
dB
1.1:1
1.2:1
IP2
Two Tone +5 dBm, 5 MHz Spacing, >50 MHz
dBm
90
IP3
Two Tone +5 dBm, 5 MHz Spacing, >50 MHz
dBm
46
P1dB
Vc = 0.2V/2.5V
Vc = 0.2V/3.0V
dBm
dBm
21
25
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
35
Ton, Toff
nS
40
Transients
mV
10
Electrical Specifications: TA = 25°C, Z0 = 50
Ω 3
3. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, i.e. 1000 pF for 100 MHz—1GHz, 39 pF for
0.5 GHz—3 GHz.
SC-70 (SOT-363) Plastic Package
4
4. All dimensions are JEDEC MO-203-AB Issue A and are
shown as in/mm.
Dim
Measurement (mm)
Min.
Nom.
Max.
A
-
-
1.10
A1
0
-
0.10
A2
0.70
0.90
1.00
b
0.15
-
0.30
c
0.08
-
0.25
D
-
2.00 basic
-
e
-
0.65 basic
-
E
-
2.10 basic
-
E1
-
1.25 basic
-
L
-
0.42 ref.
-
PIN
1
PIN
6
D
e e
E
A
A1
b
c
L
A
E1
A2
Ordering Information
Part Number
Package
SW-485
SC-70 (SOT-363) Plastic Package
SW-485TR-3000
Forward Tape and Reel, 3000 pcs
SW-485SMB
Sample Board
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com