Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0005 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0005 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0005
Download  MASWSS0005 Download
File Size   74.99 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch 0.05 - 3.0 GHz

MASWSS0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0005 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0005
Download  MASWSS0005 Click to download

File Size   74.99 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch 0.05 - 3.0 GHz

MASWSS0005 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0005 Product details

Description
M/A-COM’s MASWSS0005 is a GaAs PHEMT MMIC single pole, double throw (SPDT) switch in a low cost SOT-26 surface mount plastic package. The MASWSS0005 is ideally suited for applications where small size and low cost are required.

Features
• Low Insertion Loss: 0.35 dB @ 2.4 GHz
• Moderate Isolation: 21 dB @ 2.4 GHz
• Low Current Consumption: 5 µA @ 2.5 V
• Low Cost Plastic SOT-26 Package




Similar Part No. - MASWSS0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0005SMB MACOM-MASWSS0005SMB Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0005TR-3000 MACOM-MASWSS0005TR-3000 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
More results


Similar Description - MASWSS0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com