Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0005 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0005
Description  GaAs SPDT Switch 0.05 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0005 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0005 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0005 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0005 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
0.05 - 3.0 GHz
Rev. V4
MASWSS0005
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Vc = 0 V / +2.5 V, Z0 = 50 Ohms
4,5
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
0.05 - 1.0 GHz
1.0 - 3.0 GHz
dB
dB
—
—
0.3
0.35
0.4
0.55
Isolation
0.05 - 1.0 GHz
1.0 - 3.0 GHz
dB
dB
20
—
24
21
—
—
Return Loss
0.05 - 3.0 GHz
dB
—
20
—
IP2
Two Tone +5 dBm, 5 MHz Spacing
dBm
—
62
—
IP3
Two Tone +5 dBm, 5 MHz Spacing
dBm
—
45
—
P1dB
—
dBm
—
21
—
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
—
35
—
Ton, Toff
50% Vc to 10% RF, 50% Vc to 90% RF
nS
—
40
—
Transients
In-Band
mV
—
10
—
Control Current
⏐Vc⏐ = 2.5 V
µA
—
5
20
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
SOT-26
Control
V1
Control
V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
Truth Table
6
6. 0 = 0 V to 0.2 V, 1 = +2.5 V to 5 V
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com