Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3606D Datasheet (PDF) - RF Monolithics, Inc

RF3606D Datasheet PDF - RF Monolithics, Inc
Part # RF3606D
Download  RF3606D Download
File Size   581.43 Kbytes
Page   10 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 390 MHz SAW Filter

RF3606D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3606D Datasheet PDF - RF Monolithics, Inc

Part # RF3606D
Download  RF3606D Click to download

File Size   581.43 Kbytes
Page   10 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 390 MHz SAW Filter

RF3606D Datasheet (HTML) - RF Monolithics, Inc


RF3606D Product details

390 MHz SAW Filter

• 383.1 to 396.9 MHz Filter
• Optimized for use with the TRC105 Transceiver
• Balanced 150 ohm IC Interface
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF3606D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3606D MURATA-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
More results


Similar Description - RF3606D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
SAW Resonator 390 MHz SMD5X5 mm
TC0251A TAI-SAW-TC0251A Datasheet
272Kb / 6P
SAW Resonator 390 MHz SMD 3.8X3.8 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3606D MURATA-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
SAW Resonator 390 MHz
TC0180A TAI-SAW-TC0180A Datasheet
196Kb / 3P
SAW Resonator 390 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
SAW Resonator 390 MHz
logo
Abracon Corporation
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
SMD ONE PORT 390 MHz SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TE0115A TAI-SAW-TE0115A Datasheet
221Kb / 11P
Dual SAW Filter 390 / 420 MHz
TE0161A TAI-SAW-TE0161A Datasheet
404Kb / 10P
SAW Dual SAW 370/390 MHz (BW 20 MHz) SMD 5.0X5.0 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com