Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3606D Datasheet (PDF) - Murata Manufacturing Co., Ltd.

RF3606D Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # RF3606D
Download  RF3606D Download
File Size   581.43 Kbytes
Page   10 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 390 MHz SAW Filter

RF3606D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3606D Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # RF3606D
Download  RF3606D Click to download

File Size   581.43 Kbytes
Page   10 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 390 MHz SAW Filter

RF3606D Datasheet (HTML) - Murata Manufacturing Co., Ltd.


RF3606D Product details

390 MHz SAW Filter

• 383.1 to 396.9 MHz Filter
• Optimized for use with the TRC105 Transceiver
• Balanced 150 ohm IC Interface
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF3606D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3606D RFM-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
More results


Similar Description - RF3606D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
SAW Resonator 390 MHz SMD5X5 mm
TC0251A TAI-SAW-TC0251A Datasheet
272Kb / 6P
SAW Resonator 390 MHz SMD 3.8X3.8 mm
logo
RF Monolithics, Inc
RF3606D RFM-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
SAW Resonator 390 MHz
TC0180A TAI-SAW-TC0180A Datasheet
196Kb / 3P
SAW Resonator 390 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
SAW Resonator 390 MHz
logo
Abracon Corporation
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
SMD ONE PORT 390 MHz SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TE0115A TAI-SAW-TE0115A Datasheet
221Kb / 11P
Dual SAW Filter 390 / 420 MHz
TE0161A TAI-SAW-TE0161A Datasheet
404Kb / 10P
SAW Dual SAW 370/390 MHz (BW 20 MHz) SMD 5.0X5.0 mm
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com