Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2006C Datasheet (PDF) - RF Monolithics, Inc

SF2006C Datasheet PDF - RF Monolithics, Inc
Part # SF2006C
Download  SF2006C Download
File Size   493.0 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 190.00 MHz SAW Filter

SF2006C Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2006C Datasheet PDF - RF Monolithics, Inc

Part # SF2006C
Download  SF2006C Click to download

File Size   493.0 Kbytes
Page   4 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 190.00 MHz SAW Filter

SF2006C Datasheet (HTML) - RF Monolithics, Inc




Similar Part No. - SF2006C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2006C MURATA-SF2006C Datasheet
493Kb / 4P
190.00 MHz SAW Filter
logo
PACELEADER INDUSTRIAL
SF2006CT PACELEADER-SF2006CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Dongguan City Niuhang E...
SF2006CT NIUHANG-SF2006CT Datasheet
425Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SF2006CT SUNMATE-SF2006CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
More results


Similar Description - SF2006C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5026 EPCOS-B5026 Datasheet
69Kb / 7P
SAW Components Low-Loss Filter 190.00 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2006C MURATA-SF2006C Datasheet
493Kb / 4P
190.00 MHz SAW Filter
logo
Transko Electronics, In...
TF-019001-S90 TRANSKO-TF-019001-S90 Datasheet
600Kb / 4P
190.00 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 15 Oct. 2012
TF-019002-S90 TRANSKO-TF-019002-S90 Datasheet
635Kb / 4P
190.00 MHz IF SAW Filter / 20.80 MHz Bandwidth
Revision 1: 16 Jan. 2013
TF-019003-S90 TRANSKO-TF-019003-S90 Datasheet
614Kb / 4P
190.00 MHz IF SAW Filter / 21.30 MHz Bandwidth
Revision 0: 28 Feb. 2013
TF-019004-S90 TRANSKO-TF-019004-S90 Datasheet
626Kb / 4P
190.00 MHz IF SAW Filter / 21.30 MHz Bandwidth
Revision 0: 26 Apr. 2013
TF-019005-S90 TRANSKO-TF-019005-S90 Datasheet
607Kb / 4P
190.00 MHz IF SAW Filter / 6.10 MHz Bandwidth
Revision 0: July 2013
TF-019006-S90 TRANSKO-TF-019006-S90 Datasheet
613Kb / 4P
190.00 MHz IF SAW Filter / 12.30 MHz Bandwidth
Revision 0: July 2013
TF-019007-S90 TRANSKO-TF-019007-S90 Datasheet
625Kb / 4P
190.00 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: January 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com