Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2006C Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF2006C Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF2006C
Download  SF2006C Download
File Size   493.0 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 190.00 MHz SAW Filter

SF2006C Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2006C Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF2006C
Download  SF2006C Click to download

File Size   493.0 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 190.00 MHz SAW Filter

SF2006C Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - SF2006C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2006C RFM-SF2006C Datasheet
493Kb / 4P
190.00 MHz SAW Filter
logo
PACELEADER INDUSTRIAL
SF2006CT PACELEADER-SF2006CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Dongguan City Niuhang E...
SF2006CT NIUHANG-SF2006CT Datasheet
425Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SF2006CT SUNMATE-SF2006CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
More results


Similar Description - SF2006C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5026 EPCOS-B5026 Datasheet
69Kb / 7P
SAW Components Low-Loss Filter 190.00 MHz
logo
RF Monolithics, Inc
SF2006C RFM-SF2006C Datasheet
493Kb / 4P
190.00 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
Transko Electronics, In...
TF-019001-S90 TRANSKO-TF-019001-S90 Datasheet
600Kb / 4P
190.00 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 15 Oct. 2012
TF-019002-S90 TRANSKO-TF-019002-S90 Datasheet
635Kb / 4P
190.00 MHz IF SAW Filter / 20.80 MHz Bandwidth
Revision 1: 16 Jan. 2013
TF-019003-S90 TRANSKO-TF-019003-S90 Datasheet
614Kb / 4P
190.00 MHz IF SAW Filter / 21.30 MHz Bandwidth
Revision 0: 28 Feb. 2013
TF-019004-S90 TRANSKO-TF-019004-S90 Datasheet
626Kb / 4P
190.00 MHz IF SAW Filter / 21.30 MHz Bandwidth
Revision 0: 26 Apr. 2013
TF-019005-S90 TRANSKO-TF-019005-S90 Datasheet
607Kb / 4P
190.00 MHz IF SAW Filter / 6.10 MHz Bandwidth
Revision 0: July 2013
TF-019006-S90 TRANSKO-TF-019006-S90 Datasheet
613Kb / 4P
190.00 MHz IF SAW Filter / 12.30 MHz Bandwidth
Revision 0: July 2013
TF-019007-S90 TRANSKO-TF-019007-S90 Datasheet
625Kb / 4P
190.00 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: January 2014
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com