Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2006C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2006C
Description  190.00 MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2006C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2006C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2006C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2006C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2006C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 4
©2008-2010 by RF Monolithics, Inc.
SF2006C - 6/14/10
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
190
MHz
Insertion Loss
ILMIN
8.0
10
dB
6 dB Bandwidth
BW
4.8
5.73
MHz
Group Delay Ripple
70
150
ns
RMS Phase Linearity, fC ± 2 MHz
6
8
deg
Attenuation Referended to ILMIN:
170 to 180 MHz, or (fC - 20 MHz) to (fC - 10 MHz)
27
34
dB
180 to 185.5 MHz, or (fC -10 MHz) to (fC -4.5 MHz)
25
31
194.5 to 200 MHz, or (fC + 4.5 MHz) to (fC + 10 MHz)
25
30
200 to 210 MHz, or (fC + 10 MHz) to (fC + 20 MHz)
27
33
Ultimate Rejection
50
Lid Symbolization (Y=year, WW=week, S=shift)
RFM 734 YWWS
• SAW Filter for W-CDMA
• 5.0 X 5.0 X 1.7 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)
Maximum Rating
Rating
Value
Units
Input Power Level
10
dBm
Operating Temperature Range
-30 to +70
°C
Storage Temperature Range in Tape and Reel
-30 to +70
°C
190.00 MHz
SAW Filter
SF2006C
1.
Unless noted otherwise, all specifications apply over the operating temper-
ature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42
for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
SM5050-8
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Electrical Connections
Connection
Terminals
Port 1
Input
2
Port 2
Output
6
Ground
All others
Dot indicates Pin 1


Similar Part No. - SF2006C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2006C RFM-SF2006C Datasheet
493Kb / 4P
190.00 MHz SAW Filter
logo
PACELEADER INDUSTRIAL
SF2006CT PACELEADER-SF2006CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Dongguan City Niuhang E...
SF2006CT NIUHANG-SF2006CT Datasheet
425Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SF2006CT SUNMATE-SF2006CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - SF2006C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5026 EPCOS-B5026 Datasheet
69Kb / 7P
SAW Components Low-Loss Filter 190.00 MHz
logo
RF Monolithics, Inc
SF2006C RFM-SF2006C Datasheet
493Kb / 4P
190.00 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
Transko Electronics, In...
TF-019001-S90 TRANSKO-TF-019001-S90 Datasheet
600Kb / 4P
190.00 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 15 Oct. 2012
TF-019002-S90 TRANSKO-TF-019002-S90 Datasheet
635Kb / 4P
190.00 MHz IF SAW Filter / 20.80 MHz Bandwidth
Revision 1: 16 Jan. 2013
TF-019003-S90 TRANSKO-TF-019003-S90 Datasheet
614Kb / 4P
190.00 MHz IF SAW Filter / 21.30 MHz Bandwidth
Revision 0: 28 Feb. 2013
TF-019004-S90 TRANSKO-TF-019004-S90 Datasheet
626Kb / 4P
190.00 MHz IF SAW Filter / 21.30 MHz Bandwidth
Revision 0: 26 Apr. 2013
TF-019005-S90 TRANSKO-TF-019005-S90 Datasheet
607Kb / 4P
190.00 MHz IF SAW Filter / 6.10 MHz Bandwidth
Revision 0: July 2013
TF-019006-S90 TRANSKO-TF-019006-S90 Datasheet
613Kb / 4P
190.00 MHz IF SAW Filter / 12.30 MHz Bandwidth
Revision 0: July 2013
TF-019007-S90 TRANSKO-TF-019007-S90 Datasheet
625Kb / 4P
190.00 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: January 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com