Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2157A Datasheet (PDF) - RF Monolithics, Inc

SF2157A Datasheet PDF - RF Monolithics, Inc
Part # SF2157A
Download  SF2157A Download
File Size   434.21 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 156 MHz SAW Filter

SF2157A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2157A Datasheet PDF - RF Monolithics, Inc

Part # SF2157A
Download  SF2157A Click to download

File Size   434.21 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 156 MHz SAW Filter

SF2157A Datasheet (HTML) - RF Monolithics, Inc


SF2157A Product details

156 MHz SAW Filter

• Designed for WiMax Applications
• Low Insertion Loss IF Filter
• Hermetic 13.3 x 6.5 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2157A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2157A MURATA-SF2157A Datasheet
434Kb / 5P
156 MHz SAW Filter
More results


Similar Description - SF2157A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
RF Monolithics, Inc
SF2063A RFM-SF2063A Datasheet
419Kb / 4P
156 MHz SAW Filter
SF2064A RFM-SF2064A Datasheet
125Kb / 5P
156 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
SF0156BA02422S APITECH-SF0156BA02422S Datasheet
171Kb / 3P
156 MHz SAW Filter 10 MHz Bandwidth
SF0156BA02421S APITECH-SF0156BA02421S Datasheet
170Kb / 3P
156 MHz SAW Filter 9.4 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2063A MURATA-SF2063A Datasheet
419Kb / 4P
156 MHz SAW Filter
SF2064A MURATA-SF2064A Datasheet
125Kb / 5P
156 MHz SAW Filter
SF2157A MURATA-SF2157A Datasheet
434Kb / 5P
156 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com